Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-52Q672I Datasheet(PDF) 76 Page - Lattice Semiconductor

Part # LC5512MC-52Q672I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-52Q672I Datasheet(HTML) 76 Page - Lattice Semiconductor

Back Button LC5512MC-52Q672I Datasheet HTML 72Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 73Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 74Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 75Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 76Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 77Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 78Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 79Page - Lattice Semiconductor LC5512MC-52Q672I Datasheet HTML 80Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
76
0
175N
AC22
AC27
AE27
AC23
K6
J5
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
175P
AC20
AC26
AE26
AC21
K3
J4
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
176N
AC18
AC25
AE25
AC19
K5
K7
0
176P
AC16
AC24
AE24
AC17
K2
L7
0
177N
AC14
AC23
AE23
AC15
L5
J3
0
177P
AC12
AC22
AE22
AC13
K1
J2
0
178N
AC10
AC21
AE21
AC11
L6
K6
0
178P
AC8
AC20
AE20
AC9
L1
L6
0
179N
AC6
AC19
AE19
AC7
M5
K5
0
179P
AC4
AC18
AE18
AC5
L2
K4
0
180N
AC2
AC17
AE17
AC3
N5
K3
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
180P
AC0
AC16
AE16
AC1
L3
K2
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
181N
AE30
AC15
AE15
AE31
M6
K1
0
181P
AE28
AC14
AE14
AE29
M2
L2
0
182N
AE26
AC13
AE13
AE27
P5
L5
-
-
VCC
-
-
-
VCC
VCC
0
182P
AE24
AC12
AE12
AE25
P6
L4
0
183N
AE22
AC11
AE11
AE23
M3
L3
0
183P
AE20
AC10
AE10
AE21
N6
M3
0
184N
AE18
AC9
AE9
AE19
N2
M7
0
184P
AE16
AC8
AE8
AE17
P1
N7
-
-
GND
-
-
-
GND
GND
0
185N
AE14
AC7
AE7
AE15
N3
M5
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
185P
AE12
AC6
AE6
AE13
M8
M4
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
186N
AE10
AC5
AE5
AE11
N8
M6
0
186P
AE8
AC4
AE4
AE9
P2
N6
0
187N
AE6
AC3
AE3
AE7
P8
M2
0
187P
AE4
AC2
AE2
AE5
N4
M1
0
188N
AE2
AC1
AE1
AE3
H1
N1
0
188P
AE0
AC0
AE0
AE1
J1
N2
-
GCLK0P
GCLK0
-
-
-
N7
N5
-
-
VCCJ
-
-
-
See Power Supply and
NC Connections Table
-
GCLK0N
GCLK1
-
-
-
P7
N3
-
-
GND
-
-
-
GND
GND
-
-
TDI
-
-
-
R1
P4
-
-
TMS
-
-
-
R2
P5
ispXPLD 51024MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS Pair
Primary
Macrocell/Function
Alternate Outputs
Alternate
Input
484 fpBGA
Ball Number
672 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-52Q672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-52Q672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com