Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA081-083-30-37 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TA081-083-30-37
Description  8.1 - 8.3 GHz 37dBm Power Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA081-083-30-37 Datasheet(HTML) 1 Page - Transcom, Inc.

  TA081-083-30-37 Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TA081-083-30-37
REV1_20040412
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
8.1 – 8.3 GHz 37dBm Power Amplifier
FEATURES
• P1dB: 37 dBm
• Noise Figure: 5 dB
• Small Signal Gain: 30 dB
• Bias Condition: 3.7A @ 12 V
ELECTRICAL SPECIFICATIONS
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
8.1
8.3
GHz
SSG
Small Signal Gain @ 25°C
30
32
dB
GOF
Small Signal Gain Flatness @ 25°C
±0.75
±1.25
dB
P1dB
Output Power at 1 dB Gain Compression @ 25°C
36.5
37
dBm
NF
Noise Figure @ 25°C
5
6
dB
VSWR, IN
Input VSWR @ 25°C
1.8:1
2:1
------
VSWR, OUT
Output VSWR @ 25°C
1.8:1
2:1
------
VDC
DC Supply Voltage (with built-in regulator)
12
15
Volt
IDC
Current Supply (Small Signal Gain) @ 25°C
3.7
4
A
OTR
Operating Temperature Range
-30
60
°C
CASE: HA2


Similar Part No. - TA081-083-30-37

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0816A TAI-SAW-TA0816A Datasheet
276Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.0X1.4 mm
TA0817A TAI-SAW-TA0817A Datasheet
239Kb / 6P
   SAW Filter 638MHz SMD 5*5 mm (BW=11MHz)
logo
Golledge Electronics Lt...
TA0817A GOLLEDGE-TA0817A Datasheet
118Kb / 5P
   SAW Filter 638.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0818A TAI-SAW-TA0818A Datasheet
237Kb / 6P
   SAW Filter 656MHz SMD 5*5 mm (BW=11MHz)
logo
Golledge Electronics Lt...
TA0818A GOLLEDGE-TA0818A Datasheet
118Kb / 5P
   SAW Filter 656.0MHz
More results

Similar Description - TA081-083-30-37

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C200 HITTITE-HMC-C200 Datasheet
202Kb / 6P
   DIELECTRIC RESONATOR OSCILLATOR MODULE, 8.0 - 8.3 GHz
HMC-C200 HITTITE-HMC-C200_4 Datasheet
212Kb / 6P
   DIELECTRIC RESONATOR OSCILLATOR MODULE, 8.0 - 8.3 GHz
logo
Teledyne Technologies I...
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CMA-40-2606 TELEDYNE-CMA-40-2606 Datasheet
892Kb / 2P
   Power Amplifier 26 GHz - 40 GHz
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CPA-8-2026 TELEDYNE-CPA-8-2026 Datasheet
876Kb / 2P
   Power Amplifier 2 GHz - 8 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-8-2023 TELEDYNE-CPA-8-2023 Datasheet
876Kb / 2P
   Power Amplifier 2 GHz - 8 GHz
CPA-8-2012 TELEDYNE-CPA-8-2012 Datasheet
888Kb / 2P
   Power Amplifier 2 GHz - 8 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com