Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C2162048L-70B Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V62C2162048L-70B
Description  Ultra Low Power 128K x 16 CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C2162048L-70B Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V62C2162048L-70B Datasheet HTML 1Page - Mosel Vitelic, Corp V62C2162048L-70B Datasheet HTML 2Page - Mosel Vitelic, Corp V62C2162048L-70B Datasheet HTML 3Page - Mosel Vitelic, Corp V62C2162048L-70B Datasheet HTML 4Page - Mosel Vitelic, Corp V62C2162048L-70B Datasheet HTML 5Page - Mosel Vitelic, Corp V62C2162048L-70B Datasheet HTML 6Page - Mosel Vitelic, Corp V62C2162048L-70B Datasheet HTML 7Page - Mosel Vitelic, Corp V62C2162048L-70B Datasheet HTML 8Page - Mosel Vitelic, Corp V62C2162048L-70B Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Memory Array
1024 X 2048
I/O Circuit
Pre-Charge Circuit
Column Select
Data
Cont
Data
Cont
Vcc
Vss
A10 A11 A12 A13 A14
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
I/O1 - I/O8
I/O9 - I/O16
WE
OE
BHE
BLE
CE
A15 A16
V62C2162048L(L)
Ultra Low Power
128K x 16 CMOS SRAM
Features
• Low-power consumption
- Active: 65mA ICC at 35ns
- Stand-by: 10
µA (CMOS input/output)
2
µA (CMOS input/output, L version)
• 35/45/55/70/85/100 ns access time
• Equal access and cycle time
• Single +2.2V to 2.7V Power Supply
• Tri-state output
• Automatic power-down when deselected
• Multiple center power and ground pins for
improved noise immunity
• Individual byte controls for both Read and
Write cycles
• Available in 44 pin TSOP II / 48-fpBGA
Functional Description
The V62C2162048L is a Low Power CMOS Static
RAM organized as 131,072 words by 16 bits. Easy
memory expansion is provided by an active LOW (CE)
and (OE) pin.
This device has an automatic power-down mode feature
when deselected. Separate Byte Enable controls (BLE
and BHE) allow individual bytes to be accessed. BLE
controls the lower bits I/O1 - I/O8. BHE controls the
upper bits I/O9 - I/O16.
Writing to these devices is performed by taking Chip
Enable (CE) with Write Enable (WE) and Byte Enable
(BLE/BHE) LOW.
Reading from the device is performed by taking Chip
Enable (CE) with Output Enable (OE) and Byte Enable
(BLE/BHE) LOW while Write Enable (WE) is held
HIGH.
TSOPII / 48-fpBGA
Logic Block Diagram
1
2
3
12
10
11
8
39
13
9
7
6
4
5
26
25
24
23
22
21
14
15
16
17
18
19
20
40
41
42
43
44
38
37
36
35
34
33
32
31
30
29
28
27
A9
A8
A7
A6
A5
A4
A3
A2
A1
WE
I/O8
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
A0
CE
Vss
Vcc
A12
A16
A15
A14
A13
A11
A10
I/O16
I/O15
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
NC
NC
Vss
Vcc
BHE
BLE
OE
REV. 1.3 OCT 2001 V62C2162048L(L)
1


Similar Part No. - V62C2162048L-70B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-100T MOSEL-V62C2161024L-100T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-55T MOSEL-V62C2161024L-55T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-70T MOSEL-V62C2161024L-70T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-85T MOSEL-V62C2161024L-85T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
More results

Similar Description - V62C2162048L-70B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com