Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-75Q672I Datasheet(PDF) 56 Page - Lattice Semiconductor

Part # LC5512MC-75Q672I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-75Q672I Datasheet(HTML) 56 Page - Lattice Semiconductor

Back Button LC5512MC-75Q672I Datasheet HTML 52Page - Lattice Semiconductor LC5512MC-75Q672I Datasheet HTML 53Page - Lattice Semiconductor LC5512MC-75Q672I Datasheet HTML 54Page - Lattice Semiconductor LC5512MC-75Q672I Datasheet HTML 55Page - Lattice Semiconductor LC5512MC-75Q672I Datasheet HTML 56Page - Lattice Semiconductor LC5512MC-75Q672I Datasheet HTML 57Page - Lattice Semiconductor LC5512MC-75Q672I Datasheet HTML 58Page - Lattice Semiconductor LC5512MC-75Q672I Datasheet HTML 59Page - Lattice Semiconductor LC5512MC-75Q672I Datasheet HTML 60Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
56
ispXPLD 5512MX Logic Signal Connections
sysIO
Bank
LVDS
Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Input
208 PQFP
Pin Number
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1 Macrocell 2
0
109N
O30
O11
P18
O31
208
C4
B4
0
109P
O28
O10
P16
O29
1
E4
A4
0
110N
O26
M17
O17
O27
2
B1
B3
0
110P
O24
M16
O16
O25
3
C1
A3
0
111N
O22
M15
O15
O23
4
D3
F5
——
VCCO0
——
5
VCCO0
VCCO0
0
111P
O20
M14
O14
O21
6
C2
G6
GND (Bank 0)
7
GND (Bank 0) GND (Bank 0)
0
112N
O18
M13
O13
O19
8
E3
H6
0
112P
O16
M12
O12
O17
9
D2
G5
0
113N
O14
O9
P14
O15
D3
0
113P
O12
O8
P12
O13
D2
0
114N
O10
O7
P10
O11
E4
0
114P
O8
O6
P8
O9
E3
0
115N
O6
O5
P6
O7
F4
0
115P
O4
O4
P4
O5
G4
0
116N
O2
O3
P2
O3
C2
——
VCCO0
——
VCCO0
VCCO0
0
116P
O0
O2
P0
O1
C1
GND (Bank 0)
GND (Bank 0) GND (Bank 0)
0
117N
P30
O1
P31
D1
F3
0
117P
P28
O0
P29
E1
G3
0
118N
P26
O31
P27
F4
H4
——
VCC
——
10
VCC
VCC
0
118P
P24
O30
P25
F5
J4
0
119N
P22
M11
O11
P23
11
E2
H5
0
119P
P20/CLK_OUT0
M10
O10
P21
12
F2
J5
0
120N
P18
M9
O9
P19
13
F1
E2
0
120P
P16
M8
O8
P17
14
G1
F2
GND
15
GND
GND
0
121N
P14
M7
O7
P15
16
F3
D1
——
VCCO0
——
17
VCCO0
VCCO0
0
121P
P12
M6
O6
P13
18
G5
E1
GND (Bank 0)
19
GND (Bank 0) GND (Bank 0)
0
122N
P10
M5
O5
P11
20
H5
J3
0
122P
P8/PLL_RST0
M4
O4
P9
21
G4
H2
0
123N
P6
P7
22
G3
G2
0
123P
P4/PLL_FBK0
P5
23
H3
G1
0
124N
P2
P3
24
G2
H1
0
124P
P0
P1
25
H1
J1
GCLK0P
GCLK0
26
H2
N7
——
VCCJ
——
See Power Supply and
NC Connections Table


Similar Part No. - LC5512MC-75Q672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-75Q208C LATTICE-LC5512MC-75Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-75Q672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com