Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


LC4256V-3TN144C Datasheet(HTML) 61 Page - Lattice Semiconductor

Part No. LC4256V-3TN144C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

LC4256V-3TN144C Datasheet(HTML) 61 Page - Lattice Semiconductor

Zoom Inzoom in Zoom Outzoom out
 61 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
61
129
-
VCC
-
VCC
-
130
0
A0/GOE0
A^0
A2/GOE0
A^1
131
0
A1
A^1
A4
A^2
132
0
A2
A^2
A6
A^3
133
0
A4
A^3
A8
A^4
134
0
A5
A^4
A10
A^5
135
0
A6
A^5
A12
A^6
136
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
137
0
GND (Bank 0)
-
GND (Bank 0)
-
138
0
A8
A^6
B2
B^1
139
0
A9
A^7
B4
B^2
140
0
A10
A^8
B6
B^3
141
0
A12
A^9
B8
B^4
142
0
A13
A^10
B10
B^5
143
0
A14
A^11
B12
B^6
144
0
NC
2
-I
2
-
1. For device migration considerations, these NC pins are GND pins for I/O banks in ispMACH 4128V devices.
2. For device migration considerations, these NC pins are input signal pins in ispMACH 4256V devices.
ispMACH 4256V/B/C/Z, 4384V/B/C, 4512V/B/C, Logic Signal Connections:
176-Pin TQFP
Pin Number
Bank
Number
ispMACH 4256V/B/C/Z
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
1
-
NC
-
NC
-
NC
-
2
-
GND
-
GND
-
GND
-
3
-
TDI
-
TDI
-
TDI
-
4
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
5
0
C14
C^7
C14
C^7
C14
C^7
6
0
C12
C^6
C12
C^6
C12
C^6
7
0
C10
C^5
C10
C^5
C10
C^5
8
0
C8
C^4
C8
C^4
C8
C^4
9
0
C6
C^3
C6
C^3
C6
C^3
10
0
C4
C^2
C4
C^2
C4
C^2
11
0
C2
C^1
C2
C^1
C2
C^1
12
0
C0
C^0
C0
C^0
C0
C^0
13
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
14
0
D14
D^7
E14
E^7
G14
G^7
15
0
D12
D^6
E12
E^6
G12
G^6
16
0
D10
D^5
E10
E^5
G10
G^5
17
0
D8
D^4
E8
E^4
G8
G^4
18
0
D6
D^3
E6
E^3
G6
G^3
ispMACH 4128V and 4256V Logic Signal Connections: 144-Pin TQFP (Cont.)
Pin Number
Bank Number
ispMACH 4128V
ispMACH 4256V
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn