Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF


LC4256V-3TN144C Datasheet(PDF) 63 Page - Lattice Semiconductor

Part No. LC4256V-3TN144C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 63 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
63
60
0
H8
H^4
L8
L^4
P8
P^4
61
0
H6
H^3
L6
L^3
P6
P^3
62
0
H4
H^2
L4
L^2
P4
P^2
63
0
H2
H^1
L2
L^1
P2
P^1
64
0
H0
H^0
L0
L^0
P0
P^0
65
-
GND
-
GND
-
GND
-
66
0
CLK1/I
-
CLK1/I
-
CLK1/I
-
67
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
68
1
CLK2/I
-
CLK2/I
-
CLK2/I
-
69
-
VCC
-
VCC
-
VCC
-
70
1
I0
I^0
M0
M^0
AX0
AX^0
71
1
I2
I^1
M2
M^1
AX2
AX^1
72
1
I4
I^2
M4
M^2
AX4
AX^2
73
1
I6
I^3
M6
M^3
AX6
AX^3
74
1
I8
I^4
M8
M^4
AX8
AX^4
75
1
I10
I^5
M10
M^5
AX10
AX^5
76
1
I12
I^6
M12
M^6
AX12
AX^6
77
1
I14
I^7
M14
M^7
AX14
AX^7
78
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
79
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
80
1
J0
J^0
N0
N^0
BX0
BX^0
81
1
J2
J^1
N2
N^1
BX2
BX^1
82
1
J4
J^2
N4
N^2
BX4
BX^2
83
1
J6
J^3
N6
N^3
BX6
BX^3
84
1
J8
J^4
N8
N^4
BX8
BX^4
85
1
J10
J^5
N10
N^5
BX10
BX^5
86
1
J12
J^6
N12
N^6
BX12
BX^6
87
1
J14
J^7
N14
N^7
BX14
BX^7
88
-
VCC
-
VCC
-
VCC
-
89
-
NC
-
NC
-
NC
-
90
-
GND
-
GND
-
GND
-
91
-
TMS
-
TMS
-
TMS
-
92
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
93
1
K14
K^7
O14
O^7
CX14
CX^7
94
1
K12
K^6
O12
O^6
CX12
CX^6
95
1
K10
K^5
O10
O^5
CX10
CX^5
96
1
K8
K^4
O8
O^4
CX8
CX^4
97
1
K6
K^3
O6
O^3
CX6
CX^3
98
1
K4
K^2
O4
O^2
CX4
CX^2
99
1
K2
K^1
O2
O^1
CX2
CX^1
100
1
K0
K^0
O0
O^0
CX0
CX^0
ispMACH 4256V/B/C/Z, 4384V/B/C, 4512V/B/C, Logic Signal Connections:
176-Pin TQFP (Cont.)
Pin Number
Bank
Number
ispMACH 4256V/B/C/Z
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2192VE_043.3V In-System Programmable SuperFASTâ„¢ High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3256EIn-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1032E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1048E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2032VE_063.3V In-System Programmable High Density SuperFASTâ„¢ PLD 1 2 3 4 5 MoreLattice Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl