Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF


LC4256V-3TN144C Datasheet(PDF) 67 Page - Lattice Semiconductor

Part No. LC4256V-3TN144C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 67 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
67
J6
0
E14
E^7
E10
E^7
H14
H^7
J14
J^7
K3
0
NC
-
E12
E^8
G0
G^0
I0
I^0
K4
0
NC
-
E14
E^9
G2
G^1
I4
I^1
L1
0
NC
-
NC
-
I14
I^7
K0
K^0
L2
0
NC
-
NC
-
I12
I^6
K2
K^1
M1
0
NC
-
NC
-
NC
-
K4
K^2
-
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
-
0
-
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
M2
0
NC
-
NC
-
NC
-
K6
K^3
N1
0
NC
-
NC
-
I10
I^5
K8
K^4
M3
0
NC
-
NC
-
I8
I^4
K10
K^5
M4
0
NC
-
F0
F^0
G4
G^2
I8
I^2
N2
0
NC
-
F1
F^1
G6
G^3
I12
I^3
K5
0
F0
F^0
F2
F^2
J0
J^0
N0
N^0
P1
0
F2
F^1
F4
F^3
J2
J^1
N2
N^1
K6
0
F4
F^2
F6
F^4
J4
J^2
N4
N^2
N3
0
F6
F^3
F8
F^5
J6
J^3
N6
N^3
L5
0
F8
F^4
F9
F^6
J8
J^4
N8
N^4
P2
0
F10
F^5
F10
F^7
J10
J^5
N10
N^5
L6
0
F12
F^6
F12
F^8
J12
J^6
N12
N^6
R1
0
F14
F^7
F14
F^9
J14
J^7
N14
N^7
-
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
P3
-
TCK
-
TCK
-
TCK
-
TCK
-
-
-
VCC
-
VCC
-
VCC
-
VCC
-
-
-
GND
-
GND
-
GND
-
GND
-
-
0
-
-
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
T2
0
NC
-
G14
G^9
I6
I^3
K12
K^6
M5
0
NC
-
G12
G^8
I4
I^2
K14
K^7
N4
0
G14
G^7
G10
G^7
K14
K^7
O14
O^7
T3
0
G12
G^6
G9
G^6
K12
K^6
O12
O^6
R3
0
G10
G^5
G8
G^5
K10
K^5
O10
O^5
M6
0
G8
G^4
G6
G^4
K8
K^4
O8
O^4
P4
0
G6
G^3
G4
G^3
K6
K^3
O6
O^3
L7
0
G4
G^2
G2
G^2
K4
K^2
O4
O^2
N5
0
G2
G^1
G1
G^1
K2
K^1
O2
O^1
M7
0
G0
G^0
G0
G^0
K0
K^0
O0
O^0
P5
0
NC
-
NC
-
G8
G^4
M0
M^0
R4
0
NC
-
NC
-
G10
G^5
M4
M^1
T4
0
NC
-
NC
-
NC
-
L0
L^0
-
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
-
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
ispMACH 4256V/B/C, 4384V/B/C, 4512V/B/C Logic Signal Connections:
256-Ball ftBGA/fpBGA (Cont.)
Ball
Number
I/O
Bank
ispMACH 4256V/B/C
128-I/O
ispMACH 4256V/B/C
160-I/O
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2192VE_043.3V In-System Programmable SuperFASTâ„¢ High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3256EIn-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1032E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1048E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2032VE_063.3V In-System Programmable High Density SuperFASTâ„¢ PLD 1 2 3 4 5 MoreLattice Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl