Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF


LC4256V-3TN144C Datasheet(PDF) 87 Page - Lattice Semiconductor

Part No. LC4256V-3TN144C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 87 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
87
LC4064ZC
LC4064ZC-5MN132I
64
1.8
5
Lead-free csBGA
132
64
I
LC4064ZC-75MN132I
64
1.8
7.5
Lead-free csBGA
132
64
I
LC4064ZC-5TN100I
64
1.8
5
Lead-free TQFP
100
64
I
LC4064ZC-75TN100I
64
1.8
7.5
Lead-free TQFP
100
64
I
LC4064ZC-5MN56I
64
1.8
5
Lead-free csBGA
56
32
I
LC4064ZC-75MN56I
64
1.8
7.5
Lead-free csBGA
56
32
I
LC4064ZC-5TN48I
64
1.8
5
Lead-free TQFP
48
32
I
LC4064ZC-75TN48I
64
1.8
7.5
Lead-free TQFP
48
32
I
LC4128ZC
LC4128ZC-75MN132I
128
1.8
7.5
Lead-free csBGA
132
96
I
LC4128ZC-75TN100I
128
1.8
7.5
Lead-free TQFP
100
64
I
LC4256ZC
LC4256ZC-75TN176I
256
1.8
7.5
Lead-free TQFP
176
128
I
LC4256ZC-75MN132I
256
1.8
7.5
Lead-free csBGA
132
96
I
LC4256ZC-75TN100I
256
1.8
7.5
Lead-free TQFP
100
64
I
ispMACH 4000Z (Zero Power, 1.8V) Lead-Free Extended Temperature Devices
Device
Part Number
Macrocells
Voltage
tPD
Package
Pin/Ball
Count
I/O
Grade
LC4032ZC
LC4032ZC-75TN48E
32
1.8
7.5
Lead-free TQFP
48
32
E
LC4064ZC
LC4064ZC-75TN100E
64
1.8
7.5
Lead-free TQFP
100
64
E
LC4064ZC-75TN48E
64
1.8
7.5
Lead-free TQFP
48
32
E
LC4128ZC
LC4128ZC-75TN100E
128
1.8
7.5
Lead-free TQFP
100
64
E
LC4256ZC
LC4256ZC-75TN176E
256
1.8
7.5
Lead-free TQFP
176
128
E
LC4256ZC-75TN100E
256
1.8
7.5
Lead-free TQFP
100
64
E
ispMACH 4000C (1.8V) Lead-Free Commercial Devices
Device
Part Number
Macrocells
Voltage
tPD
Package
Pin/Ball
Count
I/O
Grade
LC4032C
LC4032C-25TN48C
32
1.8
2.5
Lead-free TQFP
48
32
C
LC4032C-5TN48C
32
1.8
5
Lead-free TQFP
48
32
C
LC4032C-75TN48C
32
1.8
7.5
Lead-free TQFP
48
32
C
LC4032C-25TN44C
32
1.8
2.5
Lead-free TQFP
44
30
C
LC4032C-5TN44C
32
1.8
5
Lead-free TQFP
44
30
C
LC4032C-75TN44C
32
1.8
7.5
Lead-free TQFP
44
30
C
ispMACH 4000Z (Zero Power, 1.8V) Lead-Free Industrial Devices (Cont.)
Device
Part Number
Macrocells
Voltage
tPD
Package
Pin/Ball
Count
I/O
Grade




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2192VE_043.3V In-System Programmable SuperFASTâ„¢ High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3256EIn-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1032E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1048E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2032VE_063.3V In-System Programmable High Density SuperFASTâ„¢ PLD 1 2 3 4 5 MoreLattice Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl