Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


LC4256V-3TN144C Datasheet(PDF) 13 Page - Lattice Semiconductor

Part No. LC4256V-3TN144C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 13 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
13
Figure 10. Global OE Generation for ispMACH 4032
Zero Power/Low Power and Power Management
The ispMACH 4000 family is designed with high speed low power design techniques to offer both high speed and
low power. With an advanced E
2 low power cell and non sense-amplifier design approach (full CMOS logic
approach), the ispMACH 4000 family offers SuperFAST pin-to-pin speeds, while simultaneously delivering low
standby power without needing any “turbo bits” or other power management schemes associated with a traditional
sense-amplifier approach.
The zero power ispMACH 4000Z is based on the 1.8V ispMACH 4000C family. With innovative circuit design
changes, the ispMACH 4000Z family is able to achieve the industry’s “lowest static power”.
IEEE 1149.1-Compliant Boundary Scan Testability
All ispMACH 4000 devices have boundary scan cells and are compliant to the IEEE 1149.1 standard. This allows
functional testing of the circuit board on which the device is mounted through a serial scan path that can access all
critical logic notes. Internal registers are linked internally, allowing test data to be shifted in and loaded directly onto
test nodes, or test node data to be captured and shifted out for verification. In addition, these devices can be linked
into a board-level serial scan path for more board-level testing. The test access port operates with an LVCMOS
interface that corresponds to the power supply voltage.
I/O Quick Configuration
To facilitate the most efficient board test, the physical nature of the I/O cells must be set before running any continu-
ity tests. As these tests are fast, by nature, the overhead and time that is required for configuration of the I/Os’
physical nature should be minimal so that board test time is minimized. The ispMACH 4000 family of devices allows
this by offering the user the ability to quickly configure the physical nature of the I/O cells. This quick configuration
takes milliseconds to complete, whereas it takes seconds for the entire device to be programmed. Lattice's ispVM
®
System programming software can either perform the quick configuration through the PC parallel port, or can gen-
erate the ATE or test vectors necessary for a third-party test system.
Shared PTOE
(Block 0)
Shared PTOE
(Block 1)
Global
Fuses
GOE (3:0)
to I/O cells
Internal Global OE
PT Bus
(2 lines)
4-Bit
Global OE Bus
Global OE
Fuse connection
Hard wired




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2192VE_043.3V In-System Programmable SuperFAST™ High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3256EIn-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1032E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1048E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2032VE_063.3V In-System Programmable High Density SuperFAST™ PLD 1 2 3 4 5 MoreLattice Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl