Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





LC4256V-3TN144C Datasheet(PDF) 18 Page - Lattice Semiconductor

Part No. LC4256V-3TN144C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 18 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
18
ICC
4
Standby Power Supply Current
Vcc = 3.3V
13
mA
Vcc = 2.5V
13
mA
Vcc = 1.8V
3
mA
1. TA = 25°C, frequency = 1.0 MHz.
2. Device configured with 16-bit counters.
3. ICC varies with specific device configuration and operating frequency.
4. TA = 25°C
Supply Current, ispMACH 4000Z
Over Recommended Operating Conditions
Symbol
Parameter
Condition
Min.
Typ.
Max. Units
ispMACH 4032ZC
ICC
1, 2, 3, 5
Operating Power Supply Current
Vcc = 1.8V, TA = 25°C
50
µA
Vcc = 1.9V, TA = 70°C
58
µA
Vcc = 1.9V, TA = 85°C
60
µA
Vcc = 1.9V, TA = 125°C
70
µA
ICC
4, 5
Standby Power Supply Current
Vcc = 1.8V, TA = 25°C
10
µA
Vcc = 1.9V, TA = 70°C
13
20
µA
Vcc = 1.9V, TA = 85°C
15
25
µA
Vcc = 1.9V, TA = 125°C
22
µA
ispMACH 4064ZC
ICC
1, 2, 3, 5
Operating Power Supply Current
Vcc = 1.8V, TA = 25°C
80
µA
Vcc = 1.9V, TA = 70°C
89
µA
Vcc = 1.9V, TA = 85°C
92
µA
Vcc = 1.9V, TA = 125°C
109
µA
ICC
4, 5
Standby Power Supply Current
Vcc = 1.8V, TA = 25°C
11
µA
Vcc = 1.9V, TA = 70°C
15
25
µA
Vcc = 1.9V, TA = 85°C
18
35
µA
Vcc = 1.9V, TA = 125°C
37
µA
ispMACH 4128ZC
ICC
1, 2, 3, 5
Operating Power Supply Current
Vcc = 1.8V, TA = 25°C
168
µA
Vcc = 1.9V, TA = 70°C
190
µA
Vcc = 1.9V, TA = 85°C
195
µA
Vcc = 1.9V, TA = 125°C
212
µA
ICC
4, 5
Standby Power Supply Current
Vcc = 1.8V, TA = 25°C
12
µA
Vcc = 1.9V, TA = 70°C
16
35
µA
Vcc = 1.9V, TA = 85°C
19
50
µA
Vcc = 1.9V, TA = 125°C
42
µA
Supply Current, ispMACH 4000V/B/C (Cont.)
Over Recommended Operating Conditions
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2192VE_043.3V In-System Programmable SuperFAST™ High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3256EIn-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1032E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1048E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2032VE_063.3V In-System Programmable High Density SuperFAST™ PLD 1 2 3 4 5 MoreLattice Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl