Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256V-3TN100C Datasheet(PDF) 55 Page - Lattice Semiconductor

Part # LC4256V-3TN100C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256V-3TN100C Datasheet(HTML) 55 Page - Lattice Semiconductor

Back Button LC4256V-3TN100C Datasheet HTML 51Page - Lattice Semiconductor LC4256V-3TN100C Datasheet HTML 52Page - Lattice Semiconductor LC4256V-3TN100C Datasheet HTML 53Page - Lattice Semiconductor LC4256V-3TN100C Datasheet HTML 54Page - Lattice Semiconductor LC4256V-3TN100C Datasheet HTML 55Page - Lattice Semiconductor LC4256V-3TN100C Datasheet HTML 56Page - Lattice Semiconductor LC4256V-3TN100C Datasheet HTML 57Page - Lattice Semiconductor LC4256V-3TN100C Datasheet HTML 58Page - Lattice Semiconductor LC4256V-3TN100C Datasheet HTML 59Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
55
E3
0
NC
-
B8
B^6
D12
D^6
F2
0
A12
A^12
B9
B^7
D10
D^5
F1
0
A13
A^13
B10
B^8
D8
D^4
F3
0
A14
A^14
B12
B^9
D6
D^3
G1
0
A15
A^15
B13
B^10
D4
D^2
G2
0
I
-
B14
B^11
D2
D^1
G3
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
H2
0
NC
-
C14
C^11
E2
E^1
H1
0
B15
B^15
C13
C^10
E4
E^2
H3
0
B14
B^14
C12
C^9
E6
E^3
J1
0
B13
B^13
C10
C^8
E8
E^4
J2
0
B12
B^12
C9
C^7
E10
E^5
J3
0
NC
-
C8
C^6
E12
E^6
K2
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
K1
0
NC
-
C6
C^5
F2
F^1
K3
0
B11
B^11
C5
C^4
F4
F^2
L2
0
B10
B^10
C4
C^3
F6
F^3
L1
0
B9
B^9
C2
C^2
F8
F^4
L3
0
B8
B^8
C1
C^1
F10
F^5
M1
0
I
-
C0
C^0
F12
F^6
M2
0
NC
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
N1
-
TCK
-
TCK
-
TCK
-
P1
-
VCC
-
VCC
-
VCC
-
P2
-
GND
-
GND
-
GND
-
N2
0
I
-
D14
D^11
G12
G^6
P3
0
B7
B^7
D13
D^10
G10
G^5
M3
0
B6
B^6
D12
D^9
G8
G^4
N3
0
B5
B^5
D10
D^8
G6
G^3
P4
0
B4
B^4
D9
D^7
G4
G^2
M4
0
NC
-
D8
D^6
G2
G^1
N4
0
GND (Bank 0)
-
GND (Bank 0)
-
GND (Bank 0)
-
P5
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
VCCO (Bank 0)
-
N5
0
NC
-
D6
D^5
H12
H^6
M5
0
B3
B^3
D5
D^4
H10
H^5
N6
0
B2
B^2
D4
D^3
H8
H^4
P6
0
B1
B^1
D2
D^2
H6
H^3
M6
0
B0
B^0
D1
D^1
H4
H^2
P7
0
NC
-
D0
D^0
H2
H^1
N7
0
CLK1/I
-
CLK1/I
-
CLK1/I
-
M7
1
CLK2/I
-
CLK2/I
-
CLK2/I
-
N8
-
VCC
-
VCC
-
VCC
-
ispMACH 4064Z, 4128Z and 4256Z Logic Signal Connections:
132-Ball csBGA (Cont.)
Ball Number Bank Number
ispMACH 4064Z
ispMACH 4128Z
ispMACH 4256Z
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4256V-3TN100C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256V-3T100C LATTICE-LC4256V-3T100C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-3T144C LATTICE-LC4256V-3T144C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-3T176C LATTICE-LC4256V-3T176C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256V-3TN100C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com