Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256V-5TN100C Datasheet(PDF) 86 Page - Lattice Semiconductor

Part # LC4256V-5TN100C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256V-5TN100C Datasheet(HTML) 86 Page - Lattice Semiconductor

Back Button LC4256V-5TN100C Datasheet HTML 82Page - Lattice Semiconductor LC4256V-5TN100C Datasheet HTML 83Page - Lattice Semiconductor LC4256V-5TN100C Datasheet HTML 84Page - Lattice Semiconductor LC4256V-5TN100C Datasheet HTML 85Page - Lattice Semiconductor LC4256V-5TN100C Datasheet HTML 86Page - Lattice Semiconductor LC4256V-5TN100C Datasheet HTML 87Page - Lattice Semiconductor LC4256V-5TN100C Datasheet HTML 88Page - Lattice Semiconductor LC4256V-5TN100C Datasheet HTML 89Page - Lattice Semiconductor LC4256V-5TN100C Datasheet HTML 90Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
86
Lead-Free Packaging
ispMACH 4000Z (Zero Power, 1.8V) Lead-Free Commercial Devices
Device
Part Number
Macrocells
Voltage
tPD
Package
Pin/Ball
Count
I/O
Grade
LC4032ZC
LC4032ZC-35MN56C
32
1.8
3.5
Lead-free csBGA
56
32
C
LC4032ZC-5MN56C
32
1.8
5
Lead-free csBGA
56
32
C
LC4032ZC-75MN56C
32
1.8
7.5
Lead-free csBGA
56
32
C
LC4032ZC-35TN48C
32
1.8
3.5
Lead-free TQFP
48
32
C
LC4032ZC-5TN48C
32
1.8
5
Lead-free TQFP
48
32
C
LC4032ZC-75TN48C
32
1.8
7.5
Lead-free TQFP
48
32
C
LC4064ZC
LC4064ZC-37MN132C
64
1.8
3.7
Lead-free csBGA
132
64
C
LC4064ZC-5MN132C
64
1.8
5
Lead-free csBGA
132
64
C
LC4064ZC-75MN132C
64
1.8
7.5
Lead-free csBGA
132
64
C
LC4064ZC-37TN100C
64
1.8
3.7
Lead-free TQFP
100
64
C
LC4064ZC-5TN100C
64
1.8
5
Lead-free TQFP
100
64
C
LC4064ZC-75TN100C
64
1.8
7.5
Lead-free TQFP
100
64
C
LC4064ZC-37MN56C
64
1.8
3.7
Lead-free csBGA
56
32
C
LC4064ZC-5MN56C
64
1.8
5
Lead-free csBGA
56
32
C
LC4064ZC-75MN56C
64
1.8
7.5
Lead-free csBGA
56
32
C
LC4064ZC-37TN48C
64
1.8
3.7
Lead-free TQFP
48
32
C
LC4064ZC-5TN48C
64
1.8
5
Lead-free TQFP
48
32
C
LC4064ZC-75TN48C
64
1.8
7.5
Lead-free TQFP
48
32
C
LC4128ZC
LC4128ZC-42MN132C
128
1.8
4.2
Lead-free csBGA
132
96
C
LC4128ZC-75MN132C
128
1.8
7.5
Lead-free csBGA
132
96
C
LC4128ZC-42TN100C
128
1.8
4.2
Lead-free TQFP
100
64
C
LC4128ZC-75TN100C
128
1.8
7.5
Lead-free TQFP
100
64
C
LC4256ZC
LC4256ZC-45TN176C
256
1.8
4.5
Lead-free TQFP
176
128
C
LC4256ZC-75TN176C
256
1.8
7.5
Lead-free TQFP
176
128
C
LC4256ZC-45MN132C
256
1.8
4.5
Lead-free csBGA
132
96
C
LC4256ZC-75MN132C
256
1.8
7.5
Lead-free csBGA
132
96
C
LC4256ZC-45TN100C
256
1.8
4.5
Lead-free TQFP
100
64
C
LC4256ZC-75TN100C
256
1.8
7.5
Lead-free TQFP
100
64
C
ispMACH 4000Z (Zero Power, 1.8V) Lead-Free Industrial Devices
Device
Part Number
Macrocells
Voltage
tPD
Package
Pin/Ball
Count
I/O
Grade
LC4032ZC
LC4032ZC-5MN56I
32
1.8
5
Lead-free csBGA
56
32
I
LC4032ZC-75MN56I
32
1.8
7.5
Lead-free csBGA
56
32
I
LC4032ZC-5TN48I
32
1.8
5
Lead-free TQFP
48
32
I
LC4032ZC-75TN48I
32
1.8
7.5
Lead-free TQFP
48
32
I


Similar Part No. - LC4256V-5TN100C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256V-5T100C LATTICE-LC4256V-5T100C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-5T100I LATTICE-LC4256V-5T100I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-5T144C LATTICE-LC4256V-5T144C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-5T144I LATTICE-LC4256V-5T144I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-5T176C LATTICE-LC4256V-5T176C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256V-5TN100C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com