Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5F208C Datasheet(PDF) 92 Page - Lattice Semiconductor

Part # LC5512MC-5F208C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5F208C Datasheet(HTML) 92 Page - Lattice Semiconductor

Back Button LC5512MC-5F208C Datasheet HTML 84Page - Lattice Semiconductor LC5512MC-5F208C Datasheet HTML 85Page - Lattice Semiconductor LC5512MC-5F208C Datasheet HTML 86Page - Lattice Semiconductor LC5512MC-5F208C Datasheet HTML 87Page - Lattice Semiconductor LC5512MC-5F208C Datasheet HTML 88Page - Lattice Semiconductor LC5512MC-5F208C Datasheet HTML 89Page - Lattice Semiconductor LC5512MC-5F208C Datasheet HTML 90Page - Lattice Semiconductor LC5512MC-5F208C Datasheet HTML 91Page - Lattice Semiconductor LC5512MC-5F208C Datasheet HTML 92Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 92 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
92
For Further Information
In addition to this data sheet, the following technical notes may be helpful when designing with the ispXPLD
5000MX family:
• sysIO Usage Guidelines for Lattice Devices (TN1000)
• Lattice sysCLOCK PLL Design and Usage Guidelines (TN1003)
• Power Estimation in ispXPLD 5000MX Devices (TN1031)
• Using Memory in ispXPLD 5000MX Devices (TN1030)
• ispXP Configuration Usage Guidelines (TN1026)
LC5768MV
LC5768MV-5FN256C
768
3.3
5.0
Lead-free fpBGA
256
193
C
LC5768MV-75FN256C
768
3.3
7.5
Lead-free fpBGA
256
193
C
LC5768MV-5FN484C
768
3.3
5.0
Lead-free fpBGA
484
317
C
LC5768MV-75FN484C
768
3.3
7.5
Lead-free fpBGA
484
317
C
LC51024MV
LC51024MV-52FN484C
1024
3.3
5.2
Lead-free fpBGA
484
317
C
LC51024MV-75FN484C
1024
3.3
7.5
Lead-free fpBGA
484
317
C
LC51024MV-52FN672C
1024
3.3
5.2
Lead-free fpBGA
672
381
C
LC51024MV-75FN672C
1024
3.3
7.5
Lead-free fpBGA
672
381
C
ispXPLD 5000MV (3.3V) Lead-Free Industrial Devices
Device
Part Number
Macrocells
Voltage (V)
tPD (ns)
Package
Pin/Ball
Count
I/O
Grade
LC5256MV
LC5256MV-5FN256I
256
3.3
5.0
Lead-free fpBGA
256
141
I
LC5256MV-75FN256I
256
3.3
7.5
Lead-free fpBGA
256
141
I
LC5512MV
LC5512MV-75QN208I
512
3.3
7.5
Lead-free PQFP
208
149
I
LC5512MV-75FN256I
512
3.3
7.5
Lead-free fpBGA
256
193
I
LC5512MV-75FN484I
512
3.3
7.5
Lead-free fpBGA
484
253
I
LC5768MV
LC5768MV-75FN256I
768
3.3
7.5
Lead-free fpBGA
256
193
I
LC5768MV-75FN484I
768
3.3
7.5
Lead-free fpBGA
484
317
I
LC51024MV
LC51024MV-75FN484I
1024
3.3
7.5
Lead-free fpBGA
484
317
I
LC51024MV-75FN672I
1024
3.3
7.5
Lead-free fpBGA
672
381
I
ispXPLD 5000MV (3.3V) Lead-Free Commercial Devices (Continued)
Device
Part Number
Macrocells
Voltage (V)
tPD (ns)
Package
Pin/Ball
Count
I/O
Grade


Similar Part No. - LC5512MC-5F208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5F208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com