Electronic Components Datasheet Search
Selected language     English  â–¼

Delete All
ON OFF

Advanced Search

              





LC4256V-75FTN256BI Datasheet(PDF) 45 Page - Lattice Semiconductor

Part No. LC4256V-75FTN256BI
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 45 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
45
ispMACH 4032V/B/C and 4064V/B/C Logic Signal Connections:
44-Pin TQFP
Pin Number
Bank Number
ispMACH 4032V/B/C
ispMACH 4064V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
1
-
TDI
-
TDI
-
2
0
A5
A^5
A10
A^5
3
0
A6
A^6
A12
A^6
4
0
A7
A^7
A14
A^7
5
0
GND (Bank 0)
-
GND (Bank 0)
-
6
0
VCCO (Bank 0)
-
VCCO (Bank 0)
-
7
0
A8
A^8
B0
B^0
8
0
A9
A^9
B2
B^1
9
0
A10
A^10
B4
B^2
10
-
TCK
-
TCK
-
11
-
VCC
-
VCC
-
12
-
GND
-
GND
-
13
0
A12
A^12
B8
B^4
14
0
A13
A^13
B10
B^5
15
0
A14
A^14
B12
B^6
16
0
A15
A^15
B14
B^7
17
1
CLK2/I
-
CLK2/I
-
18
1
B0
B^0
C0
C^0
19
1
B1
B^1
C2
C^1
20
1
B2
B^2
C4
C^2
21
1
B3
B^3
C6
C^3
22
1
B4
B^4
C8
C^4
23
-
TMS
-
TMS
-
24
1
B5
B^5
C10
C^5
25
1
B6
B^6
C12
C^6
26
1
B7
B^7
C14
C^7
27
1
GND (Bank 1)
-
GND (Bank 1)
-
28
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
29
1
B8
B^8
D0
D^0
30
1
B9
B^9
D2
D^1
31
1
B10
B^10
D4
D^2
32
-
TDO
-
TDO
-
33
-
VCC
-
VCC
-
34
-
GND
-
GND
-
35
1
B12
B^12
D8
D^4
36
1
B13
B^13
D10
D^5
37
1
B14
B^14
D12
D^6
38
1
B15/GOE1
B^15
D14/GOE1
D^7
39
0
CLK0/I
-
CLK0/I
-
40
0
A0/GOE0
A^0
A0/GOE0
A^0
41
0
A1
A^1
A2
A^1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2192VE_043.3V In-System Programmable SuperFASTâ„¢ High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3256EIn-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1032E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1048E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2032VE_063.3V In-System Programmable High Density SuperFASTâ„¢ PLD 1 2 3 4 5 MoreLattice Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl