Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF


LC4256V-75FTN256BI Datasheet(PDF) 97 Page - Lattice Semiconductor

Part No. LC4256V-75FTN256BI
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 
 97 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
97
LC4256V
LC4256V-5FTN256AI
256
3.3
5
Lead-free ftBGA
256
128
I
LC4256V-75FTN256AI
256
3.3
7.5
Lead-free ftBGA
256
128
I
LC4256V-10FTN256AI
256
3.3
10
Lead-free ftBGA
256
128
I
LC4256V-5FTN256BI
256
3.3
5
Lead-free ftBGA
256
160
I
LC4256V-75FTN256BI
256
3.3
7.5
Lead-free ftBGA
256
160
I
LC4256V-10FTN256BI
256
3.3
10
Lead-free ftBGA
256
160
I
LC4256V-5FN256AI
1
256
3.3
5
Lead-free fpBGA
256
128
I
LC4256V-75FN256AI
1
256
3.3
7.5
Lead-free fpBGA
256
128
I
LC4256V-10FN256AI
1
256
3.3
10
Lead-free fpBGA
256
128
I
LC4256V-5FN256BI
1
256
3.3
5
Lead-free fpBGA
256
160
I
LC4256V-75FN256BI
1
256
3.3
7.5
Lead-free fpBGA
256
160
I
LC4256V-10FN256BI
1
256
3.3
10
Lead-free fpBGA
256
160
I
LC4256V-5TN176I
256
3.3
5
Lead-free TQFP
176
128
I
LC4256V-75TN176I
256
3.3
7.5
Lead-free TQFP
176
128
I
LC4256V-10TN176I
256
3.3
10
Lead-free TQFP
176
128
I
LC4256V-5TN144I
256
3.3
5
Lead-free TQFP
144
96
I
LC4256V-75TN144I
256
3.3
7.5
Lead-free TQFP
144
96
I
LC4256V-10TN144I
256
3.3
10
Lead-free TQFP
144
96
I
LC4256V-5TN100I
256
3.3
5
Lead-free TQFP
100
64
I
LC4256V-75TN100I
256
3.3
7.5
Lead-free TQFP
100
64
I
LC4256V-10TN100I
256
3.3
10
Lead-free TQFP
100
64
I
LC4384V
LC4384V-5FTN256I
384
3.3
5
Lead-free ftBGA
256
192
I
LC4384V-75FTN256I
384
3.3
7.5
Lead-free ftBGA
256
192
I
LC4384V-10FTN256I
384
3.3
10
Lead-free ftBGA
256
192
I
LC4384V-5FN256I
1
384
3.3
5
Lead-free fpBGA
256
192
I
LC4384V-75FN256I
1
384
3.3
7.5
Lead-free fpBGA
256
192
I
LC4384V-10FN256I
1
384
3.3
10
Lead-free fpBGA
256
192
I
LC4384V-5TN176I
384
3.3
5
Lead-free TQFP
176
128
I
LC4384V-75TN176I
384
3.3
7.5
Lead-free TQFP
176
128
I
LC4384V-10TN176I
384
3.3
10
Lead-free TQFP
176
128
I
LC4512V
LC4512V-5FTN256I
512
3.3
5
Lead-free ftBGA
256
208
I
LC4512V-75FTN256I
512
3.3
7.5
Lead-free ftBGA
256
208
I
LC4512V-10FTN256I
512
3.3
10
Lead-free ftBGA
256
208
I
LC4512V-5FN256I
1
512
3.3
5
Lead-free fpBGA
256
208
I
LC4512V-75FN256I
1
512
3.3
7.5
Lead-free fpBGA
256
208
I
LC4512V-10FN256I
1
512
3.3
10
Lead-free fpBGA
256
208
I
LC4512V-5TN176I
512
3.3
5
Lead-free TQFP
176
128
I
LC4512V-75TN176I
512
3.3
7.5
Lead-free TQFP
176
128
I
LC4512V-10TN176I
512
3.3
10
Lead-free TQFP
176
128
I
1. Use ftBGA package. fpBGA package devices have been discontinued via PCN#14A-07.
ispMACH 4000V (3.3V) Lead-Free Industrial Devices (Cont.)
Device
Part Number
Macrocells
Voltage
tPD
Package
Pin/Ball
Count
I/O
Grade




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2192VE_043.3V In-System Programmable SuperFASTâ„¢ High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3256EIn-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1032E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1048E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2032VE_063.3V In-System Programmable High Density SuperFASTâ„¢ PLD 1 2 3 4 5 MoreLattice Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl