Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


LC4256V-75FTN256BI Datasheet(HTML) 32 Page - Lattice Semiconductor

Part No. LC4256V-75FTN256BI
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

LC4256V-75FTN256BI Datasheet(HTML) 32 Page - Lattice Semiconductor

Zoom Inzoom in Zoom Outzoom out
 32 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
32
tGPTOE
Global PT OE Delay
1.9
2.35
2.60
ns
tPTOE
Macrocell PT OE Delay
2.4
3.35
2.60
ns
Note: Internal Timing Parameters are not tested and are for reference only. Refer to the timing model in this data sheet for
Timing v.2.2
further details.
ispMACH 4000Z Internal Timing Parameters (Cont.)
Over Recommended Operating Conditions
Parameter
Description
-35
-37
-42
Units
Min.
Max.
Min.
Max.
Min.
Max.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn