Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256V-75TN176I Datasheet(PDF) 17 Page - Lattice Semiconductor

Part # LC4256V-75TN176I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256V-75TN176I Datasheet(HTML) 17 Page - Lattice Semiconductor

Back Button LC4256V-75TN176I Datasheet HTML 13Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 14Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 15Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 16Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 17Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 18Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 19Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 20Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 21Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
17
Supply Current, ispMACH 4000V/B/C
Over Recommended Operating Conditions
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
ispMACH 4032V/B/C
ICC
1,2,3
Operating Power Supply Current
Vcc = 3.3V
11.8
mA
Vcc = 2.5V
11.8
mA
Vcc = 1.8V
1.8
mA
ICC
4
Standby Power Supply Current
Vcc = 3.3V
11.3
mA
Vcc = 2.5V
11.3
mA
Vcc = 1.8V
1.3
mA
ispMACH 4064V/B/C
ICC
1,2,3
Operating Power Supply Current
Vcc = 3.3V
12
mA
Vcc = 2.5V
12
mA
Vcc = 1.8V
2
mA
ICC
5
Standby Power Supply Current
Vcc = 3.3V
11.5
mA
Vcc = 2.5V
11.5
mA
Vcc = 1.8V
1.5
mA
ispMACH 4128V/B/C
ICC
1,2,3
Operating Power Supply Current
Vcc = 3.3V
12
mA
Vcc = 2.5V
12
mA
Vcc = 1.8V
2
mA
ICC
4
Standby Power Supply Current
Vcc = 3.3V
11.5
mA
Vcc = 2.5V
11.5
mA
Vcc = 1.8V
1.5
mA
ispMACH 4256V/B/C
ICC
1,2,3
Operating Power Supply Current
Vcc = 3.3V
12.5
mA
Vcc = 2.5V
12.5
mA
Vcc = 1.8V
2.5
mA
ICC
4
Standby Power Supply Current
Vcc = 3.3V
12
mA
Vcc = 2.5V
12
mA
Vcc = 1.8V
2
mA
ispMACH 4384V/B/C
ICC
1,2,3
Operating Power Supply Current
Vcc = 3.3V
13.5
mA
Vcc = 2.5V
13.5
mA
Vcc = 1.8V
3.5
mA
ICC
4
Standby Power Supply Current
Vcc = 3.3V
12.5
mA
Vcc = 2.5V
12.5
mA
Vcc = 1.8V
2.5
mA
ispMACH 4512V/B/C
ICC
1,2,3
Operating Power Supply Current
Vcc = 3.3V
14
mA
Vcc = 2.5V
14
mA
Vcc = 1.8V
4
mA


Similar Part No. - LC4256V-75TN176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256V-75T100C LATTICE-LC4256V-75T100C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-75T100E LATTICE-LC4256V-75T100E Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-75T100I LATTICE-LC4256V-75T100I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-75T144C LATTICE-LC4256V-75T144C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-75T144E LATTICE-LC4256V-75T144E Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256V-75TN176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com