Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256V-75TN176I Datasheet(PDF) 28 Page - Lattice Semiconductor

Part # LC4256V-75TN176I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256V-75TN176I Datasheet(HTML) 28 Page - Lattice Semiconductor

Back Button LC4256V-75TN176I Datasheet HTML 24Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 25Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 26Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 27Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 28Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 29Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 30Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 31Page - Lattice Semiconductor LC4256V-75TN176I Datasheet HTML 32Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
28
tPDLi
Propagation Delay through
Transparent Latch to Output/
Feedback MUX
0.25
0.25
0.25
0.25
ns
tSRi
Asynchronous Reset or Set to
Output/Feedback MUX Delay
0.28
0.28
0.28
0.28
ns
tSRR
Asynchronous Reset or Set
Recovery Time
1.67
1.67
1.67
1.67
ns
Control Delays
tBCLK
GLB PT Clock Delay
1.12
1.12
1.12
1.12
ns
tPTCLK
Macrocell PT Clock Delay
0.87
0.87
0.87
0.87
ns
tBSR
Block PT Set/Reset Delay
1.83
1.83
1.83
1.83
ns
tPTSR
Macrocell PT Set/Reset Delay
1.11
1.41
1.51
1.61
ns
tGPTOE
Global PT OE Delay
2.83
4.13
5.33
5.33
ns
tPTOE
Macrocell PT OE Delay
1.83
2.13
2.33
2.83
ns
Timing v.3.2
Note: Internal Timing Parameters are not tested and are for reference only. Refer to Timing Model in this data sheet for further details.
ispMACH 4000V/B/C Internal Timing Parameters (Cont.)
Over Recommended Operating Conditions
Parameter
Description
-2.5
-2.7
-3
-3.5
Units


Similar Part No. - LC4256V-75TN176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256V-75T100C LATTICE-LC4256V-75T100C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-75T100E LATTICE-LC4256V-75T100E Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-75T100I LATTICE-LC4256V-75T100I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-75T144C LATTICE-LC4256V-75T144C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256V-75T144E LATTICE-LC4256V-75T144E Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256V-75TN176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com