Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MV-45FN208C Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # LC5512MV-45FN208C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MV-45FN208C Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button LC5512MV-45FN208C Datasheet HTML 9Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 10Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 11Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 12Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 13Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 14Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 15Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 16Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
13
FIFO Mode
In FIFO Mode the multi-function array is configured as a FIFO (First In First Out) buffer with built in control. The
read and write clocks can be different or the same dependent on the application. Four flags show the status of the
FIFO; Full, Empty, Almost Full, and Almost Empty. The thresholds for Full, Almost full and Almost empty are pro-
grammable by the user. It is possible to reset the read pointer, allowing support of frame retransmit in communica-
tions applications. If desired, the block can be used in show ahead mode allowing the early reading of the next read
address.
In this mode one ports accesses 16,384-bits of memory. Data widths of 1, 2, 4, 8, 16 and 32 are supported by the
MFB. Figure 12 shows the block diagram of the FIFO.
Write data, write enable, flag outputs and read enable are synchronous. The Write Data, Almost Full and Full share
the same clock and clock enables. Read outputs are synchronous although these can be configured in look ahead
mode. The Read Data, Empty and Almost Empty signals share the same clock and clock enables. Reset is shared
by all signals. Table 8 shows the possible sources for the clock, clock enable and reset signals for the various reg-
isters.
Figure 12. FIFO Block Diagram
Table 8. Register Clocks, Clock Enables, and Initialization in FIFO Mode
Register
Input
Source
Write Data,
Write Enable
Clock
WCLK or one of the global clocks (CLK0 - CLK3). Each of these signals can be inverted if required.
Clock
Enable
WE or one of the global clocks (CLK1 - CLK 2). Each of these signals can be inverted if required.
Reset
N/A
Full and
Almost Full
Flags
Clock
WCLK or one of the global clocks (CLK0 - CLK3). Each of these signals can be inverted if required.
Clock
Enable
WE or one of the global clocks (CLK1 - CLK 2). Each of these signals can be inverted if required.
Reset
Created by the logical OR of the global reset signal and RST. RST is routed by the multifunction
array from GRP, with inversion if desired.
Read Data,
Empty and
Almost Empty
Flags
Clock
RCLK or one of the global clocks (CLK0 - CLK3). Each of these signals can be inverted if required.
Clock
Enable
RE or one of the global clocks (CLK1 - CLK 2). Each of these signals can be inverted if required.
Reset
Created by the logical OR of the global reset signal and RST. RST is routed by the multifunction
array from GRP, with inversion if desired.
68 Inputs
From
Routing
Write Clock (WCLK)
Write Enable (WE)
Reset (RST)
Read Enable (RE)
Read Clock (RCLK)
Reset_RP (RSTRP)
Write Data
(DI[0:0-31])
16,384-bit
SRAM
Array
FIFO
Control
Logic
*Control logic can be
duplicated in adjacent MFB
in 32-bit mode
RESET
CLK0
CLK3
CLK1
CLK2
Read Data
(DO[0:0-31])
FIFO
Flags*
Full,
Empty,
Almost Full,
Almost Empty


Similar Part No. - LC5512MV-45FN208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MV-45FN208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com