Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5FN208C Datasheet(PDF) 37 Page - Lattice Semiconductor

Part # LC5512MC-5FN208C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5FN208C Datasheet(HTML) 37 Page - Lattice Semiconductor

Back Button LC5512MC-5FN208C Datasheet HTML 33Page - Lattice Semiconductor LC5512MC-5FN208C Datasheet HTML 34Page - Lattice Semiconductor LC5512MC-5FN208C Datasheet HTML 35Page - Lattice Semiconductor LC5512MC-5FN208C Datasheet HTML 36Page - Lattice Semiconductor LC5512MC-5FN208C Datasheet HTML 37Page - Lattice Semiconductor LC5512MC-5FN208C Datasheet HTML 38Page - Lattice Semiconductor LC5512MC-5FN208C Datasheet HTML 39Page - Lattice Semiconductor LC5512MC-5FN208C Datasheet HTML 40Page - Lattice Semiconductor LC5512MC-5FN208C Datasheet HTML 41Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
37
tSPADDH
Address Hold time
after Clock Time
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tSPRWS
R/W Setup before
Clock Time
-0.27
-0.27
-0.27
-0.27
-0.21
ns
tSPRWH
R/W Hold time after
Clock Time
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tSPDATAS
Data Setup before
Clock Time
-0.27
-0.27
-0.27
-0.27
-0.21
ns
tSPDATAH
Data Hold time after
Clock Time
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tSPCLKO
Clock to Output
Delay
5.97
5.97
5.97
5.97
9.86
ns
tSPRSTO
Reset to RAM
Output Delay
3.30
3.30
3.30
3.30
4.29
ns
tSPRSTR
Reset Recovery
Time
1.20
1.20
1.20
1.20
1.56
ns
tSPRSTPW
Reset Pulse Width
0.14
0.14
0.14
0.14
0.19
ns
Pseudo Dual Port RAM
tPDPMSS
Memory Select
Setup Before Clock
-0.27
-0.27
-0.22
-0.22
-0.21
ns
tPDPMSH
Memory Select
Hold time after
Clock
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tPDPRCES
Clock Enable Setup
before Read Clock
Time
2.33
2.33
2.91
2.91
3.03
ns
tPDPRCEH
Clock Enable Hold
time after Read
Clock Time
-2.95
-2.95
-2.36
-2.36
-2.27
ns
tPDPWCES
Clock Enable Setup
before Write Clock
Time
1.87
1.87
2.34
2.34
2.43
ns
tPDPWCEH
Clock Enable Hold
time after Write
Clock Time
-2.95
-2.95
-2.36
-2.36
-2.27
ns
tPDPRADDS
Read Address
Setup before Read
Clock Time
-0.27
-0.27
-0.22
-0.22
-0.21
ns
tPDPRADDH
Read Address Hold
after Read Clock
Time
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tPDPWADDS
Write Address
Setup before Write
Clock Time
-0.27
-0.27
-0.22
-0.22
-0.21
ns
tPDPWADDH
Write Address Hold
after Write Clock
Time
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tPDPRWS
R/W Setup before
Clock Time
-0.27
-0.27
-0.22
-0.22
-0.21
ns
ispXPLD 5000MX Family Internal Switching Characteristics (Continued)
Over Recommended Operating Conditions
Parameter
Description
Base
Parameter
-4
-45
-5
-52
-75
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.


Similar Part No. - LC5512MC-5FN208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5FN208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com