Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1086CM-1.8 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS1086CM-1.8
Description  1.5A LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1086CM-1.8 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS1086CM-1.8 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1086CM-1.8 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1086CM-1.8 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1086CM-1.8 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1086CM-1.8 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1086CM-1.8 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1086CM-1.8 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1086CM-1.8 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1086
APPLICATION HINTS
The AMS1086 series of adjustable and fixed regulators are easy to
use and have all the protection features expected in high
performance voltage regulators: short circuit protection and
thermal shutdown.
Pin compatible with older three terminal adjustable regulators,
these devices offer the advantage of a lower dropout voltage, more
precise reference tolerance and improved reference stability with
temperature.
Stability
The circuit design used in the AMS1086 series requires the use of
a 10
µF output capacitor as part of the device frequency
compensation. If the output voltage is set for 3.0V or higher,
AMS1086 will operate with an output capacitor as low as 1
µF
tantalum or 3.3
µF electrolytic and C
ADJ as low as 0.5µF. For
output voltages lower than 3.0V, CADJ capacitor value should be
minimum 1
µF to ensure stability.
To improve stability and transient response, larger values of
output capacitor can be used.
Protection Diodes
Unlike older regulators, the AMS1086 family does not need any
protection diodes between the adjustment pin and the output and
from the output to the input to prevent over-stressing the die.
Internal resistors are limiting the internal current paths on the
AMS1086 adjustment pin, therefore even with capacitors on the
adjustment pin no protection diode is needed to ensure device
safety under short-circuit conditions.
Diodes between the input and output are not usually needed.
Microsecond surge currents of 50A to 100A can be handled by the
internal diode between the input and output pins of the device. In
normal operations it is difficult to get those values of surge
currents even with the use of large output capacitances. If high
value output capacitors are used, such as 1000
µF to 5000µF and
the input pin is instantaneously shorted to ground, damage can
occur. A diode from output to input is recommended, when a
crowbar circuit at the input of the AMS1086 is used. Normal
power supply cycling or even plugging and unplugging in the
system will not generate current large enough to do any damage.
The adjustment pin can be driven on a transient basis
±25V, with
respect to the output without any device degradation. As with any
IC regulator, none the protection circuitry will be functional and
the internal transistors will break down if the maximum input to
output voltage differential is exceeded.
AMS1086
IN
OUT
ADJ
+
C
OUT
10
µF
V
OUT
R
1
R
2
C
ADJ
1
µF
D1
V
IN
Overload Recovery
When the power is first turned on, as the input voltage rises, the
output follows the input, permitting the regulator to start up into
heavy loads. During the start-up, as the input voltage is rising, the
input-to-output voltage differential remains small, allowing the
regulator to supply large output currents. A problem can occur
with a heavy output load when the input voltage is high and the
output voltage is low, when the removal of an output short will
not permit the output voltage to recover. The load line for such a
load may intersect two points on the output current curve. In this
case, there are two stable output operating points for the regulator.
With this double intersection, the power supply may need to be
cycled down to zero and brought up again to make the output
recover.
Ripple Rejection
The ripple rejection values are measured with the adjustment pin
bypassed. The impedance of the adjust pin capacitor at the ripple
frequency should be less than the value of R1 (normally 100
to120
Ω) for a proper bypassing and ripple rejection approaching
the values shown. The size of the required adjust pin capacitor is a
function of the input ripple frequency. If R1=100
Ω at 120Hz the
adjust pin capacitor should be 25
µF. At 10kHz only 0.22µF is
needed.
The ripple rejection will be a function of output voltage, in
circuits without an adjust pin bypass capacitor. The output ripple
will increase directly as a ratio of the output voltage to the
reference voltage (VOUT / VREF).
Output Voltage
The AMS1086 series develops a 1.25V reference voltage between
the output and the adjust terminal. Placing a resistor between these
two terminals causes a constant current to flow through R1 and
down through R2 to set the overall output voltage.


Similar Part No. - AMS1086CM-1.8

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1086CM-15 ADMOS-AMS1086CM-15 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1086CM-1.8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815AT-L SIPEX-SPX2815AT-L Datasheet
186Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com