Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-52FN208C Datasheet(PDF) 82 Page - Lattice Semiconductor

Part # LC5512MC-52FN208C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-52FN208C Datasheet(HTML) 82 Page - Lattice Semiconductor

Back Button LC5512MC-52FN208C Datasheet HTML 78Page - Lattice Semiconductor LC5512MC-52FN208C Datasheet HTML 79Page - Lattice Semiconductor LC5512MC-52FN208C Datasheet HTML 80Page - Lattice Semiconductor LC5512MC-52FN208C Datasheet HTML 81Page - Lattice Semiconductor LC5512MC-52FN208C Datasheet HTML 82Page - Lattice Semiconductor LC5512MC-52FN208C Datasheet HTML 83Page - Lattice Semiconductor LC5512MC-52FN208C Datasheet HTML 84Page - Lattice Semiconductor LC5512MC-52FN208C Datasheet HTML 85Page - Lattice Semiconductor LC5512MC-52FN208C Datasheet HTML 86Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
82
-
-
VCCO2
-
-
-
VCCO2
VCCO2
2
79N
N10
P5
N5
N11
V26
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
80P
N12
P6
N6
N13
V22
2
80N
N14
P7
N7
N15
V23
2
81P
N16
P8
N8
N17
V24
2
81N
N18
P9
N9
N19
V25
2
82P
N20
P10
N10
N21
U20
2
82N
N22
P11
N11
N23
T20
2
83P
N24
P12
N12
N25
U26
2
83N
N26
P13
N13
N27
U25
2
84P
N28
P14
N14
N29
U21
-
-
VCCO2
-
-
-
VCCO2
VCCO2
2
84N
N30
P15
N15
N31
T21
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
85P
P0
P16
N16
P1
U22
2
85N
P2
P17
N17
P3
U23
2
86P
P4
P18
N18
P5
U24
2
86N
P6
P19
N19
P7
T24
2
87P
P8
P20
N20
P9
T23
2
87N
P10
P21
N21
P11
T22
2
88P
P12
P22
N22
P13
T25
-
-
VCC
-
-
-
VCC
VCC
2
88N
P14
P23
N23
P15
R26
-
-
GND
-
-
-
GND
GND
2
89P
P16
P24
N24
P17
R25
-
-
VCCO2
-
-
-
VCCO2
VCCO2
2
89N
P18
P25
N25
P19
R24
-
-
GND (Bank 2)
-
-
-
GND (Bank 2) GND (Bank 2)
2
90P
P20
P26
N26
P21
R21
2
90N
P22
P27
N27
P23
P21
2
91P
P24
P28
N28
P25
R22
2
91N
P26
P29
N29
P27
R23
2
92P
P28
P30
N30
P29
R20
2
92N
P30
P31
N31
P31
P20
-
-
TOE
-
-
-
W22
P25
-
-
RESET
-
-
-
V22
P24
-
-
GOE0
-
-
-
T22
P23
-
-
GOE1
-
-
-
R22
P22
-
-
GNDP
-
-
-
See Power Supply and
NC Connections Table
-
GCLK3N
GCLK2
-
-
-
P16
N26
-
-
VCCP
-
-
-
See Power Supply and
NC Connections Table
ispXPLD 51024MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS Pair
Primary
Macrocell/Function
Alternate Outputs
Alternate
Input
484 fpBGA
Ball Number
672 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-52FN208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-52FN208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com