Electronic Components Datasheet Search |
|
LC5512MC-75FN208C Datasheet(PDF) 69 Page - Lattice Semiconductor |
|
LC5512MC-75FN208C Datasheet(HTML) 69 Page - Lattice Semiconductor |
69 / 92 page Lattice Semiconductor ispXPLD 5000MX Family Data Sheet 69 2 46N G6 H19 - G7 — AB19 2 47P G8 H20 - G9 — AA19 - - VCCO2 - - - VCCO2 VCCO2 2 47N G10 H21 - G11 — U17 - - GND (Bank 2) - - - GND (Bank 2) GND (Bank 2) 2 48P G12 H22 - G13 — V18 2 48N G14 H23 - G15 — AB21 2 49P G16 H24 - G17 — U18 2 49N G18 H25 - G19 — T17 2 50P G20 H26 - G21 R16 AB20 2 50N G22 H27 - G23 P16 AA20 2 51P G24 H28 - G25 N15 Y19 - - VCCO2 - - - VCCO2 VCCO2 2 51N G26 H29 - G27 N14 V19 - - GND (Bank 2) - - - GND (Bank 2) GND (Bank 2) 2 52P G28 F16 H16 G29 N16 T18 2 52N G30 F17 H17 G31 M16 R17 2 53P H0 F18 H18 H1 M14 U19 2 53N H2 F19 H19 H3 M15 T19 2 54P H4 H30 E24 H5 — V20 - - VCC - - - VCC VCC 2 54N H6 H31 E26 H7 — U20 2 55P H8 F20 H20 H9 L13 W20 2 55N H10 F21 H21 H11 L12 Y21 2 56P H12 F22 H22 H13 L15 R18 2 56N H14 F23 H23 H15 L16 R19 - - GND - - - GND GND 2 57P H16 F24 H24 H17 L14 W21 - - VCCO2 - - - VCCO2 VCCO2 2 57N H18 F25 H25 H19 K15 Y22 - - GND (Bank 2) - - - GND (Bank 2) GND (Bank 2) 2 58P H20 F26 H26 H21 K14 R20 2 58N H22 F27 H27 H23 K12 P20 2 59P H24 F28 H28 H25 K13 T21 2 59N H26 F29 H29 H27 J13 R21 2 60P H28 F30 H30 H29 J14 U21 2 60N H30 F31 H31 H31 J12 V21 - - TOE - - - J15 W22 - - RESET - - - J11 V22 - - GOE0 - - - H11 T22 - - GOE1 - - - H13 R22 - - GNDP - - - See Power Supply and NC Connections Table ispXPLD 5768MX Logic Signal Connections (Continued) sysIO Bank LVDS Pair Primary Macrocell/ Function Alternate Outputs Alternate Inputs 256 fpBGA Ball Number 484 fpBGA Ball Number Macrocell 1 Macrocell 2 |
Similar Part No. - LC5512MC-75FN208C |
|
Similar Description - LC5512MC-75FN208C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |