Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MV-45Q208C Datasheet(PDF) 72 Page - Lattice Semiconductor

Part # LC5512MV-45Q208C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MV-45Q208C Datasheet(HTML) 72 Page - Lattice Semiconductor

Back Button LC5512MV-45Q208C Datasheet HTML 68Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 69Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 70Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 71Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 72Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 73Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 74Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 75Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 76Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
72
3
93N
O0
P31
N31
O1
A13
E17
3
93P
O2
P30
N30
O3
B13
D17
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
94N
O4
N11
M21
O5
D11
B18
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
94P
O6
N10
M20
O7
B12
A18
-
-
GND
-
-
-
GND
GND
3
95N
O8
N9
M18
O9
C12
C17
-
-
VCC
-
-
-
VCC
VCC
3
95P
O10
N8
M16
O11
E11
B17
3
96N
O12
N7
M12
O13
C16
3
96P
O14
N6
M10
O15
B16
3
97N
O16
N5
M8
O17
F13
3
97P
O18
N4
M6
O19
F15
3
98N
O20
N3
M5
O21
D16
3
98P
O22
N2
M4
O23
E10
E16
3
99N
O24
N1
M2
O25
A12
A16
3
99P
O26
N0
M0
O27
A11
A15
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
100N
O28
P15
N15
O29
B11
B15
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
100P
O30
P14
N14
O31
C11
A14
3
101N
P0
P13
N13
P1
B10
D15
3
101P
P2
P12
N12
P3
A10
E15
3
102N
P4
P11
N11
P5
C10
D14
3
102P
P6
P10
N10
P7
D10
F14
3
103N
P8
P9
N9
P9
C9
A13
3
103P
P10
P8
N8
P11
E9
B13
3
104N
P12/VREF3
P29
N29
P13
D9
C14
3
104P
P14
P28
N28
P15
F9
E14
3
105N
P16
P7
N7
P17
A9
E13
3
105P
P18
P6
N6
P19
F8
F12
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
106N
P20
P5
N5
P21
E8
D13
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
106P
P22
P4
N4
P23
A8
C13
3
107N
P24
P3
N3
P25
B9
E12
-
-
GND
-
-
-
GND
GND
3
107P
P26
P2
N2
P27
D8
C12
-
-
VCC
-
-
-
VCC
VCC
3
108N
P28
P1
N1
P29
B8
B12
3
108P
P30
P0
N0
P31
C8
A12
0
109N
Q30
Q31
S31
Q31
B7
E11
ispXPLD 5768MX Logic Signal Connections (Continued)
sysIO Bank LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Inputs
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MV-45Q208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MV-45Q208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com