Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MV-45Q208C Datasheet(PDF) 20 Page - Lattice Semiconductor

Part # LC5512MV-45Q208C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MV-45Q208C Datasheet(HTML) 20 Page - Lattice Semiconductor

Back Button LC5512MV-45Q208C Datasheet HTML 16Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 17Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 18Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 19Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 20Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 21Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 22Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 23Page - Lattice Semiconductor LC5512MV-45Q208C Datasheet HTML 24Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
20
Programmable Slew Rate
The slew rate of outputs is carefully controlled. When outputs are configured as LVCMOS the devices support two
slew rates. This allows system noise and performance to be balanced in a design.
Programmable Bus-Maintenance
All general-purpose inputs have programmable bus maintenance circuitry. These are intended to maintain a valid
logic level into a device when driving devices go into the tri-state mode. Four options are available for users: pull-
up, pull-down, bus-keeper, or nothing.
Expanded In-System Programmability (ispXP)
The ispXPLD 5000MX family utilizes a combination of EEPROM non-volatile cells and SRAM technology to deliver
a logic solution that provides “instant-on” at power-up, a convenient single chip solution, and the capability for infi-
nite reconfiguration. A non-volatile array distributed within the device stores the device configuration. At power-up
this information is transferred in a massively parallel fashion into SRAM bits that control the operation of the device.
Figure 18 shows the different ports and modes that are used in the configuration and programming of the ispXPLD
5000MX devices.
Figure 18. ispXP Block Diagram
IEEE 1532 ISP
In-system programming of devices provides a number of significant benefits including rapid prototyping, lower
inventory levels, higher quality and the ability to make in-field modifications. All ispXPLD 5000MX devices provide
in-system programmability through their Boundary Scan Test Access Port. This capability has been implemented in
a manner that ensures that the port remains compliant to the IEEE 1532 standard. By using IEEE 1532 as the
communication interface through which ISP is achieved, customers get the benefit of a standard, well-defined inter-
face.
The IEEE1532 programming interface allows programming of either the non-volatile array or reconfiguration of the
SRAM bits.
The ispXPLD 5000MX devices can be programmed across the commercial temperature and voltage range. The
PC-based Lattice software facilitates in-system programming of ispXPLD 5000MX devices. The software takes the
JEDEC file output produced by the design implementation software, along with information about the scan chain,
and creates a set of vectors used to drive the scan chain. The software can use these vectors to drive a scan chain
via the parallel port of a PC. Alternatively, the software can output files in formats understood by common auto-
mated test equipment. This equipment can then be used to program ispXPLD 5000MX devices during the testing
of a circuit board.
SRAM
Memory Space
E2CMOS
Memory Space
sysCONFIG Peripheral Port
sysCONFIG
ISP 1149.1 TAP Port
Power-up
Refresh
Programming
in seconds
Download in
microseconds
Configuration
in milliseconds
Port
Mode
Memory Space
ISP
1532
BACKGND


Similar Part No. - LC5512MV-45Q208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MV-45Q208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com