Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C3802048LL-35V Datasheet(PDF) 10 Page - Mosel Vitelic, Corp

Part # V62C3802048LL-35V
Description  Ultra Low Power 256K x 8 CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C3802048LL-35V Datasheet(HTML) 10 Page - Mosel Vitelic, Corp

Back Button V62C3802048LL-35V Datasheet HTML 4Page - Mosel Vitelic, Corp V62C3802048LL-35V Datasheet HTML 5Page - Mosel Vitelic, Corp V62C3802048LL-35V Datasheet HTML 6Page - Mosel Vitelic, Corp V62C3802048LL-35V Datasheet HTML 7Page - Mosel Vitelic, Corp V62C3802048LL-35V Datasheet HTML 8Page - Mosel Vitelic, Corp V62C3802048LL-35V Datasheet HTML 9Page - Mosel Vitelic, Corp V62C3802048LL-35V Datasheet HTML 10Page - Mosel Vitelic, Corp V62C3802048LL-35V Datasheet HTML 11Page - Mosel Vitelic, Corp V62C3802048LL-35V Datasheet HTML 12Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Retention Characteristics (L Version Only)(1)
Parameter
Symbol
Test Condition
Min
Max
Unit
VCC for Data Retention
VDR
CE1 > VCC - 0.2V or
1.0
-
V
Data Retention Current
ICCDR
CE2 < + 0.2V
-
1
µA
Chip Deselect to Data Retention Time
tCDR
VIN > VCC - 0.2V or
0
-
ns
Operation Recovery Time(2)
tR
VIN < 0.2V
tRC
-
ns
Data Retention Mode
VDR > 1.0V
Vcc_typ
VIH
VIH
VDR
V
CC
CE
t
R
t
CDR
Vcc_typ
Data Retention Waveform (L Version Only) (TA = 0
0C to +700C / -400C to +850C)
10
Notes
1. L-version includes this feature.
2. This Parameter is samples and not 100% tested.
3. For test conditions, see AC Test Condition, Figure A.
4. This parameter is tested with CL = 5
pF as shown in Figure B. Transition is measured + 500mV from steady-state voltage.
5. This parameter is guaranteed, but is not tested.
6. WE is HIGH for read cycle.
7. CE1 and OE are LOW and CE2 is HIGH for read cycle.
8. Address valid prior to or coincident with CE1 transition LOW or CE2 transition HIGH.
9. All read cycle timings are referenced from the last valid address to the first transtion address.
10. CE1 or WE must be HIGH or CE2 must be LOW during address transition.
11. All write cycle timings are referenced from the last valid address to the first transition address.
V62C3802048L(L)
REV. 1.2 May 2001 V62C3802048L(L)


Similar Part No. - V62C3802048LL-35V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L-100T MOSEL-V62C3801024L-100T Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L-100V MOSEL-V62C3801024L-100V Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L-55T MOSEL-V62C3801024L-55T Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L-55V MOSEL-V62C3801024L-55V Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results

Similar Description - V62C3802048LL-35V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C1802048L MOSEL-V62C1802048L Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV2001 BSI-BS62UV2001 Datasheet
282Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2006 BSI-BS62UV2006 Datasheet
320Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
logo
Lyontek Inc.
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com