Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL9B5BH040S-C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FL9B5BH040S-C
Description  Ball-Grid-Array Thin Film Low-Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FL9B5BH040S-C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FL9B5BH040S-C Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ball-Grid-Array Thin Film Low-Pass Filter
FL*B5BC series
Low pass filter up to 10GHz with very low reflection.
Ball-grid-array termination for surface mount application.
SPECIFICATIONS
PART NUMBER
Type
Cut Off Frequency f0( 3dB)
Attenuation(typical)
Reflection(typical)
S11
S22
Rated current (A)
Operating Temp. Range
40 C
85 C
100m
FL9B5BH
FL7B5BH
6.0GHz 10.0GHz(0.5GHz step)
10dB at 2f0
>12dB at F0, >10dB at 2f0
>10dB at F0
2.5GHz 4.0GHz(0.25GHz step)
10dB at 3f0
>15dB at F0, >10dB at 2f0
>13dB at F0
Application/ Features
susumu group catalog
(Dimension:mm)
FL7B5BH
FL9B5BH
Transmission & reception on optical fiber communication
IN
OUT
6.35 0.2
12
5.08
1.27
1.20Max
FL7B5BH
FL9B5BH
5.08 0.2
3.81
2.54
1.27
12
Electrical
Mechanical
Equivalent
circuit
NEW
RoHS compliant
FL 9B 5 B H 030 S (-C)
Impedance (5 50 )
Electrode Type (H 6pin BGA)
Filter Function (B Bessel)
Cut Off Frequency f0(
025 2.50GHz, 028 2.75GHz, 030 3.0GHz, 033 3.25GHz, 035 3.5GHz, 038 3.75GHz,
040 4.0GHz, 060---075 7.5GHz, 080 8.0GHz, 085 8.5GHz, 090 9.0GHz, 095 9.5GHz, 100 10GHz)
serial code (S Single)
Filter order/return function (7 7th, 9 9th/B Absorptive)
Part Code
Given to RoHS compliant products
Electrical Components
Electrical Components
FL9B5BH***S Series Filter
6. Pin BGA, Duo Binary Modulation
Absorptive Low Pass
FL7B5BH***S Series Filter
6-Pin BGA, Optical Transceiver
Sensitivity Absorptive Low Pass
FL7B5BH***S Series
Optical Transceiver
Sensitivity ALP Filter
Pulse
Pattern
Generator
Tuneable
Laser Source
LiNb03
Modulator
Photo
Detector
Optical
Load
Pre-Coder
Driver
Duo Binary
Filter
[2.5・3.5・GHz]
Optical Components
T.I.A.
Eye pattern
without Filter
Eye pattern
with Filter


Similar Part No. - FL9B5BH040S-C

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
FL9030-UV254 GILWAY-FL9030-UV254 Datasheet
31Kb / 1P
   Cold Cathode Fluorescent Lamps
FL9050-UV254 GILWAY-FL9050-UV254 Datasheet
31Kb / 1P
   Cold Cathode Fluorescent Lamps
FL9065 GILWAY-FL9065 Datasheet
31Kb / 1P
   Cold Cathode Fluorescent Lamps
FL9065-UV350 GILWAY-FL9065-UV350 Datasheet
31Kb / 1P
   Cold Cathode Fluorescent Lamps
FL9096 GILWAY-FL9096 Datasheet
31Kb / 1P
   Cold Cathode Fluorescent Lamps
More results

Similar Description - FL9B5BH040S-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL1L5NT250ST1 ETC2-BL1L5NT250ST1 Datasheet
94Kb / 2P
   series, ball-grid-array thin film delay lines
logo
AVX Corporation
LP0805 AVX-LP0805 Datasheet
114Kb / 3P
   Thin-Film Low Pass Filter
LP0805A1842ASTR AVX-LP0805A1842ASTR Datasheet
124Kb / 3P
   Thin-Film Low Pass Filter
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
logo
TDK Electronics
TFSB10055375-1103A1 TDK-TFSB10055375-1103A1 Datasheet
54Kb / 3P
   Thin-Film Band Pass Filters
logo
Bookham, Inc.
PPL03 BOOKHAM-PPL03 Datasheet
184Kb / 4P
   Hybrid Wire Grid Polarizer & Thin Film Dichroic Filter
logo
Vishay Siliconix
TRA06E VISHAY-TRA06E Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
logo
Yamaichi Electronics Co...
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
   Ball Grid Array (BGA, 1.27mm Pitch)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com