Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-52FN256C Datasheet(PDF) 70 Page - Lattice Semiconductor

Part # LC5512MC-52FN256C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-52FN256C Datasheet(HTML) 70 Page - Lattice Semiconductor

Back Button LC5512MC-52FN256C Datasheet HTML 66Page - Lattice Semiconductor LC5512MC-52FN256C Datasheet HTML 67Page - Lattice Semiconductor LC5512MC-52FN256C Datasheet HTML 68Page - Lattice Semiconductor LC5512MC-52FN256C Datasheet HTML 69Page - Lattice Semiconductor LC5512MC-52FN256C Datasheet HTML 70Page - Lattice Semiconductor LC5512MC-52FN256C Datasheet HTML 71Page - Lattice Semiconductor LC5512MC-52FN256C Datasheet HTML 72Page - Lattice Semiconductor LC5512MC-52FN256C Datasheet HTML 73Page - Lattice Semiconductor LC5512MC-52FN256C Datasheet HTML 74Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
70
-
GCLK3N
GCLK2
-
-
-
H15
P16
-
-
VCCP
-
-
-
See Power Supply and
NC Connections Table
-
GCLK3P
GCLK3
-
-
-
H16
N16
3
61N
J0
L31
J31
-
H14
J22
3
61P
J2
L30
J30
J3
G16
H22
3
62N
J4
L29
J29
J5
N19
3
62P
J6
L28
J28
J7
P15
3
63N
J8
L27
J27
J9
P21
3
63P
J10
L26
J26
J11
N15
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
64N
J12
L25
J25
J13
M15
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
64P
J14
L24
J24
J15
N20
-
-
GND
-
-
-
GND
GND
3
65N
J16
L23
J23
J17
P22
3
65P
J18
L22
J22
J19
N21
3
66N
J20
L21
J21
J21
N17
3
66P
J22
L20
J20
J23
M20
3
67N
J24
L19
J19
J25
P17
-
-
VCC
-
-
-
VCC
VCC
3
67P
J26
L18
J18
J27
P18
3
68N
J28
L17
J17
J29
M21
3
68P
J30
L16
J16
J31
M17
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
69N
L0
L15
J15
-
L20
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
69P
L2
L14
J14
L3
N18
3
70N
L4
L13
J13
L5
L21
3
70P
L6
L12
J12
L7
M18
3
71N
L8
L11
J11
L9
L22
3
71P
L10
L10
J10
L11
L17
3
72N
L12
L9
J9
L13
K22
3
72P
L14
L8
J8
L15
L18
3
73N
L16
L7
J7
L17
K21
3
73P
L18
L6
J6
L19
K18
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
74N
L20
L5
J5
L21
K20
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
74P
L22
L4
J4
L23
K17
3
75N
L24
L3
J3
L25
K19
3
75P
L26
L2
J2
L27
J17
3
76N
L28
L1
J1
L29
G15
E22
ispXPLD 5768MX Logic Signal Connections (Continued)
sysIO Bank LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Inputs
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-52FN256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-52FN256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com