Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7375IPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS7375IPW
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7375IPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS7375IPW Datasheet HTML 7Page - Texas Instruments THS7375IPW Datasheet HTML 8Page - Texas Instruments THS7375IPW Datasheet HTML 9Page - Texas Instruments THS7375IPW Datasheet HTML 10Page - Texas Instruments THS7375IPW Datasheet HTML 11Page - Texas Instruments THS7375IPW Datasheet HTML 12Page - Texas Instruments THS7375IPW Datasheet HTML 13Page - Texas Instruments THS7375IPW Datasheet HTML 14Page - Texas Instruments THS7375IPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TYPICAL CHARACTERISTICS: VS+ = 3.3 V
20
10
0
10
20
30
40
50
60
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
V
=3.3V
AC-CoupledOutput
C =10pF
V
=200mV
S+
L
OUT
PP
R =150 W
L
FilterMode
R =75 W
L
R =150 W
L
R =75 W
L
Bypass
Mode
15.5
15.0
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
100k
1M
10M
100M
Frequency(Hz)
V
=3.3V
AC-CoupledOutput
C =10pF
V
=200mV
S+
L
OUT
PP
FilterMode
R =75 W and150 W
L
Bypass
Mode
R =75 W
L
R =150 W
L
45
0
45
90
135
180
225
270
315
360
-
-
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
V
=3.3V
AC-CoupledOutput
C =10pF
V
=200mV
S+
L
OUT
PP
R =75 W
L
FilterMode
R =150 W
L
R =75 W and150 W
L
Bypass
Mode
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
100k
1M
10M
100M
1G
Frequency(Hz)
V
=3.3V
AC-CoupledOutput
C =10pF
V
=200mV
S+
L
OUT
PP
R =75 W
L
R =150 W
L
BypassMode
130
120
110
100
90
80
70
60
50
100k
1M
10M
100M
Frequency(Hz)
V
=3.3V
AC-CoupledOutput
C =10pF
V
=200mV
S+
L
OUT
PP
R =75 W and150 W
L
FilterMode
20
10
0
10
20
30
40
50
60
-
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
V
=3.3V
AC-CoupledOutput
Load=150
||10pF
W
S+
Filter
Mode
Bypass
Mode
V =0.2V
O
PP
V =1V
O
PP
V =2V
O
PP
V =2V
O
PP
V =0.2V
O
PP
THS7375
www.ti.com......................................................................................................................................................................................... SBOS449 – SEPTEMBER 2008
RL = 150 Ω to GND and dc-coupled input and output, unless otherwise noted.
SMALL-SIGNAL GAIN vs FREQUENCY
SMALL-SIGNAL GAIN vs FREQUENCY
Figure 9.
Figure 10.
PHASE vs FREQUENCY
GROUP DELAY vs FREQUENCY
Figure 11.
Figure 12.
GROUP DELAY vs FREQUENCY
LARGE-SIGNAL GAIN vs FREQUENCY
Figure 13.
Figure 14.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS7375


Similar Part No. - THS7375IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7372 TI1-THS7372 Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with One CVBS and Three Full-HD Filters with 6-dB Gain
THS7372IPW TI1-THS7372IPW Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with One CVBS and Three Full-HD Filters with 6-dB Gain
THS7372IPWR TI1-THS7372IPWR Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with One CVBS and Three Full-HD Filters with 6-dB Gain
THS7373 TI-THS7373 Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373 TI-THS7373 Datasheet
1Mb / 50P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
More results

Similar Description - THS7375IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7374 TI-THS7374 Datasheet
817Kb / 37P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7374 TI1-THS7374_16 Datasheet
1Mb / 42P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
logo
3PEAK INC.
TPF134A 3PEAK-TPF134A Datasheet
538Kb / 11P
   4-Channel Video Amplifier with 1-SD and 3-HD 6th-order Filters
logo
Texas Instruments
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com