Selected language     English  ▼


LC5512MC-75FN256C Datasheet(PDF) 9 Page - Lattice Semiconductor

Part No. LC5512MC-75FN256C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD™ Family
Download  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 9 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
9
Table 4. MFB Memory Configuration
Input and Output
The data input and control signals to a MFB in memory mode are generated from inputs from the routing. Data sig-
nals are only available in the true non-inverted format. True or complemented versions of the inputs are available
for generating the control signals. Data and flag outputs are fed from the MFB to the GRP and OSA. Unused inputs
and outputs are not accessible in memory mode.
ROM Operation
In each of the memory modes it is possible to specify the power-on state of each bit in the memory array. This
allows the memory to be used as ROM if desired.
Increased Depth And Width
Designs that require a memory depth or width that is greater than that support by a single MFB can be supported
by cascading multiple blocks. For dual port, single port, and pseudo dual port modes additional width is easily pro-
vided by sharing address lines. Additional depth is supported by multiplexing the RAM output. For FIFO and CAM
modes additional width is supported through the cascading of MFBs.
The Lattice design tools automatically combine blocks to support the memory size specified in the user’s design.
Bus Size Matching
All of the memory modes apart from CAM mode support different widths on each of the ports. The RAM bits are
mapped LSB word 0 to MSB word 0, LSB word 1 to MSB word 1 and so on. Although the word size and number of
words for each port varies this mapping scheme applies to each port.
Memory Mode
Max. Configuration
Size
1
Dual-port
8,192 x 1
4,096 x 2
2,048 x 4
1,024 x 8
512 x 16
Single-port, Pseudo Dual Port, FIFO
16,384 x1
8,192 x 2
4,096 x 4
2,048 x 8
1,024 x 16
512 x 32
CAM
128 x 48
1. Smaller configurations are possible.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CDCE949Programmable 4-PLL VCXO Clock Synthesizer with 1.8V 2.5V and 3.3V LVCMOS Outputs 1 2 3 4 5 MoreTexas Instruments
REG1117_08800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreTexas Instruments
MAX3000A_06Programmable Logic Device Family 1 2 3 4 5 MoreAltera Corporation
REG1117_1800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreBurr-Brown (TI)
APEX20KProgrammable Logic Device Family 1 2 3 4 5 MoreAltera Corporation
REG1117_07800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreBurr-Brown (TI)
SY89875U_072.5V 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
ISPPAC-POWR1208P1In-System Programmable Power Supply Sequencing Controller and Precision Monitor 1 2 3 4 5 MoreLattice Semiconductor
22LV10AZ-25CMOS Programmable Electrically Erasable Logic Device 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISPMACH4000ZE1.8V In-System Programmable Ultra Low Power PLDs 1 2 3 4 5 MoreLattice Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl