Selected language     English  ▼


LC5512MC-75FN256C Datasheet(PDF) 2 Page - Lattice Semiconductor

Part No. LC5512MC-75FN256C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD™ Family
Download  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 
 2 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
2
Figure 1. ispXPLD 5000MX Block Diagram
Introduction
The ispXPLD 5000MX family represents a new class of device, referred to as the eXpanded Programmable Logic
Devices (XPLDs). These devices extend the capability of Lattice’s popular SuperWIDE ispMACH 5000 architecture
by providing flexible memory capability. The family supports single- or dual-port SRAM, FIFO, and ternary CAM
operation. Extra logic has also been included to allow efficient implementation of arithmetic functions. In addition,
sysCLOCK PLLs and sysIO interfaces provide support for the system-level needs of designers.
The devices provide designers with a convenient one-chip solution that provides logic availability at boot-up, design
security, and extreme reconfigurability. The use of advanced process technology provides industry-leading perfor-
mance with combinatorial propagation delay as low as 4.0ns, 2.8ns clock-to-out delay, 2.2ns set-up time, and oper-
ating frequency up to 300MHz. This performance is coupled with low static and dynamic power consumption. The
ispXPLD 5000MX architecture provides predictable deterministic timing.
The availability of 3.3, 2.5 and 1.8V versions of these devices along with the flexibility of the sysIO interface helps
users meet the challenge of today’s mixed voltage designs. Inputs can be safely driven up to 5.5V when an I/O
bank is configured for 3.3V operation, making this family 5V tolerant. Boundary scan testability further eases inte-
gration into today’s complex systems. A variety of density and package options increase the likelihood of a good fit
for a particular application. Table 1 shows the members of the ispXPLD 5000MX family.
Architecture
The ispXPLD 5000MX devices consist of Multi-Function Blocks (MFBs) interconnected with a Global Routing Pool.
Signals enter and leave the device via one of four sysIO banks. Figure 1 shows the block diagram of the ispXPLD
ISP Port
Global
Routing
Pool
(GRP)
sysCLOCK
PLL 0
sysCLOCK
PLL 1
sysIO
Bank 0
MFB
MFB
MFB
MFB
VCCO3
VREF3
VREF2
VCCO2
GCLCK3
GCLK2
RESET
GOE0
GOE1
sysIO
Bank 1
sysIO
Bank 3
sysIO
Bank 2
MFB
MFB
MFB
MFB
VCCO0
VCCO1
VCCP
VREF0
VREF1
GCLCK0
GNDP
GCLK1
Optional
sysCONFIG
Interface




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CDCE949Programmable 4-PLL VCXO Clock Synthesizer with 1.8V 2.5V and 3.3V LVCMOS Outputs 1 2 3 4 5 MoreTexas Instruments
REG1117_08800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreTexas Instruments
MAX3000A_06Programmable Logic Device Family 1 2 3 4 5 MoreAltera Corporation
REG1117_1800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreBurr-Brown (TI)
APEX20KProgrammable Logic Device Family 1 2 3 4 5 MoreAltera Corporation
REG1117_07800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreBurr-Brown (TI)
SY89875U_072.5V 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
ISPPAC-POWR1208P1In-System Programmable Power Supply Sequencing Controller and Precision Monitor 1 2 3 4 5 MoreLattice Semiconductor
22LV10AZ-25CMOS Programmable Electrically Erasable Logic Device 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISPMACH4000ZE1.8V In-System Programmable Ultra Low Power PLDs 1 2 3 4 5 MoreLattice Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl