Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z75DBT-V160 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z75DBT-V160
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z75DBT-V160 Datasheet(HTML) 4 Page - Texas Instruments

  BQ20Z75DBT-V160 Datasheet HTML 1Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 2Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 3Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 4Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 5Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 6Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 7Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 8Page - Texas Instruments BQ20Z75DBT-V160 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings
bq20z75
SLUS723C – JULY 2007 – REVISED JULY 2008............................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O(1)
DESCRIPTION
NO.
NAME
37
BAT
O
Battery stack voltage sense input
38
CHG
O
High side N-channel charge FET gate drive
Over Operating Free-Air Temperature (unless otherwise noted)
(1)
DESCRIPTION
PIN
UNIT
V MAX
Supply voltage range
VBAT, VCC
–0.3V to 34V
PACK, PMS
–0.3V to 34V
VC(n)-VC(n+1); n = 1,
–0.3V to 8.5V
2, 3, 4
VC1, VC2, VC3, VC4
–0.3V to 34V
VC5
–0.3V to 1.0V
V IN
Input voltage range
PFIN, SMBD, SMBC,
–0.3V to 6.0V
DISP
TS1, TS2, VCELL+,
–0.3 V to V REG25 + 0.3 V
PRES; ALERT
MRST, GSRN, GSRP,
–0.3 V to V REG25 + 0.3 V
RBI
ASRN, ASRP
–1.0V to 1.0V
DSG, CHG, GPOD
–0.3V to 34V
V OUT
ZVCHG
–0.3V to V BAT
Output voltage range
TOUT, ALERT,
–0.3 V to 6.0V
REG33,
RESET
–0.3 V to 7.0V
REG25, SAFE, TOUT
–0.3V to 2.75V
I SS
Maximum combined sink current for input pins
PRES, PFIN, SMBD,
50mA
SMBC
T A
Operating free-air temperature range
–40°C to 85°C
T F
Functional temperature
–40°C to 100°C
T stg
Storage temperature range
–65°C to 150°C
T sld
Lead temperature (soldering, 10s)
300°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): bq20z75


Similar Part No. - BQ20Z75DBT-V160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75DBT-V160 TI-BQ20Z75DBT-V160 Datasheet
545Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75DBT-V160 TI1-BQ20Z75DBT-V160 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
More results

Similar Description - BQ20Z75DBT-V160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75 TI-BQ20Z75 Datasheet
584Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK?
BQ20Z75 TI-BQ20Z75_08 Datasheet
545Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75DBTR-V180 TI-BQ20Z75DBTR-V180 Datasheet
896Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com