Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ6400RGZT Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ6400RGZT
Description  Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ6400RGZT Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ6400RGZT Datasheet HTML 6Page - Texas Instruments BQ6400RGZT Datasheet HTML 7Page - Texas Instruments BQ6400RGZT Datasheet HTML 8Page - Texas Instruments BQ6400RGZT Datasheet HTML 9Page - Texas Instruments BQ6400RGZT Datasheet HTML 10Page - Texas Instruments BQ6400RGZT Datasheet HTML 11Page - Texas Instruments BQ6400RGZT Datasheet HTML 12Page - Texas Instruments BQ6400RGZT Datasheet HTML 13Page - Texas Instruments BQ6400RGZT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Forensic Data Logging (Readable via SMBus)
Power Modes
OPERATION
bq6400
SLUS841 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
• Maximum/minimum cell temperature
• Maximum/minimum pack voltage
• Maximum/minimum cell voltages
• Maximum discharge power
• Last known full capacity of the battery
• Capacity (or SOC) at the time of failure
• Cycle count and/or cumulative number of Ah delivered by the battery
• Battery pack status; being charged, discharged or at rest
• Balancing effort required by each bank of cells to maintain balance
• Cell bank impedance information
• Last ten (10) previous failures causing primary (first level) safety action
• Degree days histogram (time that the battery has spent in a temperature range)
• Voltage Hours – Time for each cell measurement spent above/below safety limits
• Forensic data up-loadable to Host CPU via SMBus (see below)
• Forensic data recording of anomalies and events
• Normal Mode: The bq6400 performs measurements and calculations, makes decisions, and updates internal
data at approximately once per second. All safety circuitry is fully functional in this mode.
• Standby Mode: The bq6400 performs as in normal mode, but at a reduced measurement rate to lower power
consumption at times when the host computer is inactive or the pack is removed from the system. All safety
circuitry remains fully functional in this mode.
• Ship Mode: The bq6400 disables (opens) all the protection MOSFETs, and continues to monitor temperature
and voltage, but at a reduced measurement rate to dramatically lower power consumption. Environmental
data is saved in flash as a part of the historical record. Safety circuitry is disabled in this mode. The device
does not enter this power state as a part of normal operation – it is intended for use after factory
programming and test. Entry occurs only after a unique SMBus command is issued and then only when the
SMBus lines are set to logic low. Exit occurs when the SMBus lines return to an active state.
• Extreme Cell Under-Voltage (ECUV) Shutdown Mode: In this mode, the bq6400 draws minimal current and
the Charge and Discharge protection MOSFETs are disabled (opened). The Pre-Charge MOSFET remains
enabled when a charge voltage is present. Safety circuitry is disabled in this mode. The device does not enter
this mode as a part of normal operation: It enters this state during extreme cell under-voltage conditions
(ECUV). The ECUV threshold is fully programmable below 2.7V.
CURRENT DRAW
STATE
OVER-CURRENT
ENTRY CONDITION
EXIT CONDITION
(TYP)
Active
< 250
µA
Fully active
Normal operation as determined
Firmware directed to operating
by firmware
modes below
Standby
< 150
µA
Fully active
No load current flowing for
Load activity
predetermined time
Ship
< 40
µA
Not active
Protected SMBus command and
Either SMBus line high
SMBus then off (low)
Extreme Cell
< 1
µA
Not active (Pre-Charge
Enabled when Vcell < ECUV
Vcell charge above ECUV
Under-Voltage
enabled)
recovery threshold (2.7V/cell
typical)
The bq6400 Battery Management Controller serves as the master controller for a Li-Ion battery system consisting
of three or four cells in series. Any number may be connected in parallel; other system or safety issues will limit
this to a more practical number. The bq6400 provides extraordinarily precise State-of-Charge gas gauging, and
first and second level pack safety functions. Voltage and current measurements are performed synchronously
and simultaneously for all cells in the pack allowing a level of precision not previously possible in battery
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :bq6400


Similar Part No. - BQ6400RGZT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ60120HEA25NKS SYNQOR-BQ60120HEA25NKS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
BQ60120HEA25NNS SYNQOR-BQ60120HEA25NNS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
BQ60120HEA25NRS SYNQOR-BQ60120HEA25NRS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
BQ60120HEA25NYS SYNQOR-BQ60120HEA25NYS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
BQ60120HEA25PKS SYNQOR-BQ60120HEA25PKS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - BQ6400RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
BQ78PL114 TI-BQ78PL114_09 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
Texas Instruments
BQ78PL114 TI-BQ78PL114 Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113_13 Datasheet
766Kb / 34P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009-2013
MCP73113 MICROCHIP-MCP73113_10 Datasheet
587Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2010
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com