Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6713SPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF6713SPBF
Description  DirectFET TM Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6713SPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF6713SPBF Datasheet HTML 1Page - International Rectifier IRF6713SPBF Datasheet HTML 2Page - International Rectifier IRF6713SPBF Datasheet HTML 3Page - International Rectifier IRF6713SPBF Datasheet HTML 4Page - International Rectifier IRF6713SPBF Datasheet HTML 5Page - International Rectifier IRF6713SPBF Datasheet HTML 6Page - International Rectifier IRF6713SPBF Datasheet HTML 7Page - International Rectifier IRF6713SPBF Datasheet HTML 8Page - International Rectifier IRF6713SPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF6713SPbF
4
www.irf.com
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical On-Resistance Vs.
Drain Current and Gate Voltage
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
≤60µs PULSE WIDTH
Tj = 25°C
2.5V
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.5V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
5.0V
4.5V
4.0V
3.5V
3.0V
2.8V
BOTTOM
2.5V
1
2
3
4
5
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = 15V
≤60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 22A
VGS = 10V
VGS = 4.5V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
20 40 60 80 100 120 140 160 180 200
ID, Drain Current (A)
0
2
4
6
8
10
TJ = 25°C
Vgs = 3.5V
Vgs = 4.0V
Vgs = 4.5V
Vgs = 5.0V
Vgs = 8.0V
Vgs = 10V


Similar Part No. - IRF6713SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6713SPBF IRF-IRF6713SPBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF6713SPBF IRF-IRF6713SPBF Datasheet
236Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6713SPBF IRF-IRF6713SPBF_15 Datasheet
236Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
More results

Similar Description - IRF6713SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6641TRPBF IRF-IRF6641TRPBF Datasheet
250Kb / 9P
   DirectFET TM Power MOSFET
IRF6626 IRF-IRF6626 Datasheet
632Kb / 9P
   DirectFET TM Power MOSFET
IRF6712SPBF IRF-IRF6712SPBF_08 Datasheet
226Kb / 9P
   DirectFET TM Power MOSFET
IRF6641TRPBF IRF-IRF6641TRPBF_07 Datasheet
244Kb / 9P
   DirectFET TM Power MOSFET
IRF6720S2TRPBF IRF-IRF6720S2TRPBF Datasheet
232Kb / 10P
   DirectFET TM Power MOSFET
IRF6641TR1PBF IRF-IRF6641TR1PBF Datasheet
250Kb / 9P
   DirectFET TM MOSFET
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com