Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5928 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5928
Description  16-Channel, Constant-Current LED Driver with LED Open Detection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5928 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5928 Datasheet HTML 5Page - Texas Instruments TLC5928 Datasheet HTML 6Page - Texas Instruments TLC5928 Datasheet HTML 7Page - Texas Instruments TLC5928 Datasheet HTML 8Page - Texas Instruments TLC5928 Datasheet HTML 9Page - Texas Instruments TLC5928 Datasheet HTML 10Page - Texas Instruments TLC5928 Datasheet HTML 11Page - Texas Instruments TLC5928 Datasheet HTML 12Page - Texas Instruments TLC5928 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TIMING DIAGRAMS
T
,T
,T
,T
,T
:
WH0
WH1
WL0
WH2
WL2
INPUT
(1)
CLOCK
INPUT
(1)
DATA/CONTROL
INPUT
(1)
T
,T
,T ,T :
SU0
SU1
H0
H1
T
SU
T
H
V
CC
V
CC
GND
V
CC
GND
GND
50%
50%
50%
T
WH
T
WL
t ,t ,t ,t ,t ,t ,t :
R0
R1
F0
F1
D0
D1
D2
INPUT
(1)
50%
50%
90%
10%
OUTPUT
t
D
t ort
R
F
V
orV
OL
OUTn
V
orV
OH
OUTn
GND
V
CC
TLC5928
www.ti.com ................................................................................................................................................. SBVS120A – JULY 2008 – REVISED SEPTEMBER 2008
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
Figure 7. Input Timing
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
Figure 8. Output Timing
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLC5928


Similar Part No. - TLC5928

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC59281 TI-TLC59281 Datasheet
462Kb / 19P
[Old version datasheet]   16-Channel, Constant-Current LED Driver
TLC59281 TI-TLC59281 Datasheet
653Kb / 23P
[Old version datasheet]   16-Channel,Constant-Current LED Driver
TLC59281DBQ TI-TLC59281DBQ Datasheet
462Kb / 19P
[Old version datasheet]   16-Channel, Constant-Current LED Driver
More results

Similar Description - TLC5928

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Texas Instruments
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
[Old version datasheet]   24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com