Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A45XX_0808 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS7A45XX_0808
Description  LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A45XX_0808 Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A45XX_0808 Datasheet HTML 1Page - Texas Instruments TPS7A45XX_0808 Datasheet HTML 2Page - Texas Instruments TPS7A45XX_0808 Datasheet HTML 3Page - Texas Instruments TPS7A45XX_0808 Datasheet HTML 4Page - Texas Instruments TPS7A45XX_0808 Datasheet HTML 5Page - Texas Instruments TPS7A45XX_0808 Datasheet HTML 6Page - Texas Instruments TPS7A45XX_0808 Datasheet HTML 7Page - Texas Instruments TPS7A45XX_0808 Datasheet HTML 8Page - Texas Instruments TPS7A45XX_0808 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ELECTRICAL CHARACTERISTICS
(1)
TPS7A45xx
www.ti.com ........................................................................................................................................................ SLVS720A – JUNE 2008 – REVISED AUGUST 2008
Over operating temperature range TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP(2)
MAX
UNIT
ILOAD = 0.5 A
25°C
1.9
VIN
Minimum input voltage(3)(4)
V
ILOAD = 1.5 A
Full range
2.1
2.5
VIN = 2.21 V, ILOAD = 1 mA
25°C
1.485
1.5
1.515
TPS7A4515
VIN = 2.5 V to 20 V,
Full range
1.447
1.5
1.545
ILOAD = 1 mA to 1.5 A
VIN = 2.3 V, ILOAD = 1 mA
25°C
1.782
1.8
1.818
TPS7A4518
VIN = 2.8 V to 20 V,
Full range
1.737
1.8
1.854
ILOAD = 1 mA to 1.5 A
VOUT
Regulated output voltage(5)
V
VIN = 3 V, ILOAD = 1 mA
25°C
2.475
2.5
2.525
TPS7A4525
VIN = 3.5 V to 20 V,
Full range
2.412
2.5
2.575
ILOAD = 1 mA to 1.5 A
VIN = 3.8 V, ILOAD = 1 mA
25°C
3.266
3.3
3.333
TPS7A4533
VIN = 4.3 V to 20 V,
Full range
3.2
3.3
3.4
ILOAD = 1 mA to 1.5 A
VIN = 2.21 V, ILOAD = 1 mA
25°C
1.197
1.21
1.222
VADJ
ADJ pin voltage(3)(5)
TPS7A4501
V
VIN = 2.5 V to 20 V,
Full range
1.174
1.21
1.246
ILOAD = 1 mA to 1.5 A
ΔVIN = 2.21 V to 20 V,
TPS7A4515
Full range
2
6
ILOAD = 1 mA
ΔVIN = 2.3 V to 20 V,
TPS7A4518
Full range
2.5
7
ILOAD = 1 mA
ΔVIN = 3 V to 20 V,
Line regulation
TPS7A4525
Full range
3
10
mV
ILOAD = 1 mA
ΔVIN = 3.8 V to 20 V,
TPS7A4533
Full range
3.5
10
ILOAD = 1 mA
ΔVIN = 2.21 V to 20 V,
TPS7A4501(3)
Full range
1.5
3
ILOAD = 1 mA
25°C
2
9
VIN = 2.5 V,
TPS7A4515
ΔILOAD = 1 mA to 1.5 A
Full range
18
25°C
2
10
VIN = 2.8 V,
TPS7A4518
ΔILOAD = 1 mA to 1.5 A
Full range
20
25°C
2.5
15
VIN = 3.5 V,
TPS7A4525
ΔILOAD = 1 mA to 1.5 A
Full range
30
25°C
3
20
Load regulation
mV
VIN = 4.3 V,
-40°C to
TPS7A4533
30
ΔILOAD = 1 mA to 1.5 A
+85°C
Full range
70
25°C
2
8
VIN = 2.5 V,
-40°C to
TPS7A4501(3)
8
ΔILOAD = 1 mA to 1.5 A
+85°C
Full range
18
(1)
The TPS7A45xx regulators are tested and specified under pulse load conditions such that TJ ≈ TA. They are fully tested at TA = 25°C.
Performance at –40°C and 125°C is specified by design, characterization, and correlation with statistical process controls.
(2)
Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the
application and configuration and may vary over time. Typical values are not ensured on production material.
(3)
The TPS7A4501 is tested and specified for these conditions with the ADJ pin connected to the OUT pin.
(4)
For the TPS7A4501, TPS7A4515 and TPS7A4518, dropout voltages are limited by the minimum input voltage specification under some
output voltage/load conditions.
(5)
Operating conditions are limited by maximum junction temperature. The regulated output voltage specification does not apply for all
possible combinations of input voltage and output current. When operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage range must be limited.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS7A45xx


Similar Part No. - TPS7A45XX_0808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
More results

Similar Description - TPS7A45XX_0808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com