Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-75Q256C Datasheet(PDF) 47 Page - Lattice Semiconductor

Part # LC5512MC-75Q256C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-75Q256C Datasheet(HTML) 47 Page - Lattice Semiconductor

Back Button LC5512MC-75Q256C Datasheet HTML 43Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 44Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 45Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 46Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 47Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 48Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 49Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 50Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 51Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
47
• K11 = Current per column driver (µA/MHz)
Power Estimation Equations
ICC = ICC_DC + IMFB_CPLD + IMFB_ SRAM/PDPRAM/FIFO + IMFB_DPRAM + IMFB_CAM + IPLL_D
ICC_DC
Use the appropriate value for 5000MC (1.8V power supply) or 5000MV/B (2.5V/3.3V power supply) from the data
sheet.
IMFB_CPLD
= ((K0 * CPLD MFB inputs + K1 * CPLD Logical Product Terms + K2 * CPLD GRP from MFB + K3 * CPLD GRP
from IFB) * AF+ K4) * FREQ / 1000µA/mA
IMFB_CAM
= CAM Memory MFBs * ((FREQ * K8) + K9) (CAM operating in typical mode)
IMFB_ SRAM/PDPRAM/FIFO
= (WR_ PERCENT * (K1 + WR_ PERCENT * 8 * K0 + K10 + K11) + RD_ PERCENT * (K1 + 128 * RD_PERCENT
* K0 + 8 * OSW_PERCENT * K2)) * SRAM/PDPRAM/FIFO Memory MFBs * FREQ / 1000µA/mA
IMFB_ DPRAM
= (WR_ PERCENT * (2 * K1 + 2 * WR_ PERCENT * 8 * K0 + K10 + K11) + RD_ PERCENT * (2 * K1 + 2 * 128 *
RD_PERCENT * K0 + 8 * OSW_PERCENT * K2)) * DPRAM Memory MFBs * FREQ / 1000µA/mA
IPLL_D
= K5 * PLL_FREQ * number of PLLs used. IPPL_D is the PLL digital component of the VCC supply current.
Analog portion of PLL supply current consumption, from PLL power pin:
IPLL_A = (K6 * PLL_FREQ + K7) * number of PLLs used
Notes:
• ICC = Current consumption of VCC power supply (mA)
• ICC-DC = ICC DC component – Current consumption at 0Mhz (mA)
• IMFB_CPLD = CPLD (non-memory logic) current consumption (mA)
• IMFB_SRAM/PDPRAM/FIFO = Current consumption for SRAM, PDPRAM, and FIFO (mA)
• IMFB_DPRAM = Current consumption for DPRAM (mA)
• IMFB_CAM = Current consumption for CAM (mA)
• IPLL_D = PLL Current consumption of digital VCC power supply (mA)
• IPLL_A = PLL analog power pin current consumption (VCCP pin)


Similar Part No. - LC5512MC-75Q256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-75Q208C LATTICE-LC5512MC-75Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-75Q256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com