Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-75Q256C Datasheet(PDF) 31 Page - Lattice Semiconductor

Part # LC5512MC-75Q256C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-75Q256C Datasheet(HTML) 31 Page - Lattice Semiconductor

Back Button LC5512MC-75Q256C Datasheet HTML 27Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 28Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 29Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 30Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 31Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 32Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 33Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 34Page - Lattice Semiconductor LC5512MC-75Q256C Datasheet HTML 35Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
31
Timing Model
The task of determining timing in a ispXPLD 5000MX device is relatively simple. The timing model show in
Figure 20 shows the specific delay paths. Once the implementation of a given function is determined either con-
ceptually or from the software report file, the delay path of a function can easily be determined from the timing
model. The Lattice design tools report the timing delays based on the same timing model. Note that internal timing
parameters are for reference only, and are not tested. The external timing parameters are tested and guaranteed
for every device.
Figure 20. ispXPLD 5000MX Timing Model Diagram
MC Reg.
t
BUF
t
IOO
t
EN
t
DIS
OUT
DATA
C.E.
S/R
Q
Feedback
t
PTCLK
t
BCLK
IN
t
GCLK _IN
t
IOI
GCLK
From Feedback
RST
OE
t
INREG
t
INDIO
Memory
Functions
t
PDi
t
PTSR
t
BSR
t
OSA
t
PTOE
t
SPTOE
t
GPTOE
t
IN
t
IOI
t
GOE
t
IOI
t
RST
t
IOI
t
PDb
CLK, CE and Reset Only
3
t
PLL _DELAY
t
PLL _SEC_DELAY
t
SUM
t
CICOMFB
tCICOMC
t
EXP
t
PTSA
t
FBK
CASC
t
ROUTE
t
t
BLA
Some paths not available in memory
mode. Refer to timing tables for details.
Path only available for
FIFO Flags
tROUTEMF
tGCLK


Similar Part No. - LC5512MC-75Q256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-75Q208C LATTICE-LC5512MC-75Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-75Q256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com