Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A12301E Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A12301E
Description  IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A12301E Datasheet(HTML) 5 Page - Texas Instruments

  TS5A12301E Datasheet HTML 1Page - Texas Instruments TS5A12301E Datasheet HTML 2Page - Texas Instruments TS5A12301E Datasheet HTML 3Page - Texas Instruments TS5A12301E Datasheet HTML 4Page - Texas Instruments TS5A12301E Datasheet HTML 5Page - Texas Instruments TS5A12301E Datasheet HTML 6Page - Texas Instruments TS5A12301E Datasheet HTML 7Page - Texas Instruments TS5A12301E Datasheet HTML 8Page - Texas Instruments TS5A12301E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TS5A12301E
www.ti.com ................................................................................................................................................................................................ SCES707 – AUGUST 2008
ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY (continued)
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX UNIT
Dynamic
25°C
5 V
110
225
VCOM = V+,
CL= 35 pF,
Turn-on time
tON
ns
RL = 50 Ω,
See Figure 18
Full
4.5 V
250
25°C
5 V
100
215
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
RL = 50 Ω,
See Figure 18
Full
4.5 V
225
25°C
5 V
1
10
15
Break-before-make
VCOM = V+,
CL = 35 pF,
tBBM
ns
time
RL = 50 Ω,
See Figure 19
Full
4.5 V
1
20
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
5 V
97
pC
RGEN = 0,
See Figure 23
VNC or VNO = V+ or
NO
CNO(OFF)
GND,
See Figure 17
25°C
5 V
28
pF
OFF capacitance
Switch OFF,
VNC or VNO = V+ or
NC, NO
CNC(ON),
GND,
See Figure 17
25°C
5 V
112
pF
ON capacitance
CNO(ON)
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 17
25°C
5 V
112
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 17
25°C
5 V
3
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 20
25°C
5 V
55
MHz
Switch ON,
RL = 50 Ω,
OFF isolation
OISO
See Figure 21
25°C
5 V
–63
dB
f = 1 MHz,
RL = 50 Ω,
Crosstalk
XTALK
See Figure 22
25°C
5 V
–63
dB
f = 1 MHz,
f = 20 Hz to 20
Total harmonic
RL = 600 Ω,
THD
kHz,
25°C
5 V
0.003
%
distortion
CL = 50 pF,
See Figure 24
Supply
Positive supply
I+
VI = V+ or GND
Full
5.5 V
10
µA
current
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS5A12301E


Similar Part No. - TS5A12301E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A12301E TI-TS5A12301E Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301EYFPR TI-TS5A12301EYFPR Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301EYFPR TI1-TS5A12301EYFPR Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
TS5A12301EYFPR TI1-TS5A12301EYFPR Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results

Similar Description - TS5A12301E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com