Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-4F484C Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # LC5512MC-4F484C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-4F484C Datasheet(HTML) 2 Page - Lattice Semiconductor

  LC5512MC-4F484C Datasheet HTML 1Page - Lattice Semiconductor LC5512MC-4F484C Datasheet HTML 2Page - Lattice Semiconductor LC5512MC-4F484C Datasheet HTML 3Page - Lattice Semiconductor LC5512MC-4F484C Datasheet HTML 4Page - Lattice Semiconductor LC5512MC-4F484C Datasheet HTML 5Page - Lattice Semiconductor LC5512MC-4F484C Datasheet HTML 6Page - Lattice Semiconductor LC5512MC-4F484C Datasheet HTML 7Page - Lattice Semiconductor LC5512MC-4F484C Datasheet HTML 8Page - Lattice Semiconductor LC5512MC-4F484C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
2
Figure 1. ispXPLD 5000MX Block Diagram
Introduction
The ispXPLD 5000MX family represents a new class of device, referred to as the eXpanded Programmable Logic
Devices (XPLDs). These devices extend the capability of Lattice’s popular SuperWIDE ispMACH 5000 architecture
by providing flexible memory capability. The family supports single- or dual-port SRAM, FIFO, and ternary CAM
operation. Extra logic has also been included to allow efficient implementation of arithmetic functions. In addition,
sysCLOCK PLLs and sysIO interfaces provide support for the system-level needs of designers.
The devices provide designers with a convenient one-chip solution that provides logic availability at boot-up, design
security, and extreme reconfigurability. The use of advanced process technology provides industry-leading perfor-
mance with combinatorial propagation delay as low as 4.0ns, 2.8ns clock-to-out delay, 2.2ns set-up time, and oper-
ating frequency up to 300MHz. This performance is coupled with low static and dynamic power consumption. The
ispXPLD 5000MX architecture provides predictable deterministic timing.
The availability of 3.3, 2.5 and 1.8V versions of these devices along with the flexibility of the sysIO interface helps
users meet the challenge of today’s mixed voltage designs. Inputs can be safely driven up to 5.5V when an I/O
bank is configured for 3.3V operation, making this family 5V tolerant. Boundary scan testability further eases inte-
gration into today’s complex systems. A variety of density and package options increase the likelihood of a good fit
for a particular application. Table 1 shows the members of the ispXPLD 5000MX family.
Architecture
The ispXPLD 5000MX devices consist of Multi-Function Blocks (MFBs) interconnected with a Global Routing Pool.
Signals enter and leave the device via one of four sysIO banks. Figure 1 shows the block diagram of the ispXPLD
ISP Port
Global
Routing
Pool
(GRP)
sysCLOCK
PLL 0
sysCLOCK
PLL 1
sysIO
Bank 0
MFB
MFB
MFB
MFB
VCCO3
VREF3
VREF2
VCCO2
GCLCK3
GCLK2
RESET
GOE0
GOE1
sysIO
Bank 1
sysIO
Bank 3
sysIO
Bank 2
MFB
MFB
MFB
MFB
VCCO0
VCCO1
VCCP
VREF0
VREF1
GCLCK0
GNDP
GCLK1
Optional
sysCONFIG
Interface


Similar Part No. - LC5512MC-4F484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-4F484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com