Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5256MV-45F484C Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # LC5256MV-45F484C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5256MV-45F484C Datasheet(HTML) 3 Page - Lattice Semiconductor

  LC5256MV-45F484C Datasheet HTML 1Page - Lattice Semiconductor LC5256MV-45F484C Datasheet HTML 2Page - Lattice Semiconductor LC5256MV-45F484C Datasheet HTML 3Page - Lattice Semiconductor LC5256MV-45F484C Datasheet HTML 4Page - Lattice Semiconductor LC5256MV-45F484C Datasheet HTML 5Page - Lattice Semiconductor LC5256MV-45F484C Datasheet HTML 6Page - Lattice Semiconductor LC5256MV-45F484C Datasheet HTML 7Page - Lattice Semiconductor LC5256MV-45F484C Datasheet HTML 8Page - Lattice Semiconductor LC5256MV-45F484C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
3
5000MX. Incoming signals may connect to the global routing pool or the registers in the MFBs. An Output Sharing
Array (OSA) increases the number of I/O available to each MFB, allowing a complete function high-performance
access to the I/O. There are four clock pins that drive four global clock nets within the device. Two sysCLOCK PLLs
are provided to allow the synthesis of new clocks and control of clock skews.
Multi-Function Block (MFB)
Each MFB in the ispXPLD 5000MX architecture can be configured in one of the six following modes. This provides
a flexible approach to implementing logic and memory that allows the designer to achieve the mix of functions that
are required for a particular design, maximizing resource utilization. The six modes supported by the MFB are:
• SuperWIDE Logic Mode
• True Dual-port SRAM Mode
• Pseudo Dual-port SRAM Mode
• Single-port SRAM Mode
• FIFO Mode
• Ternary CAM Mode
The MFB consists of a multi-function array and associated routing. Depending on the chosen functions the multi-
function array uses up to 68 inputs from the GRP and the four global clock and reset signals. The array outputs
data along with certain control functions to the macrocells. Output signals can be routed internally for use else-
where in the device and to the sysIO banks for output. Figure 2 shows the block diagram of the MFB. The various
configurations are described in more detail in the following sections.
Figure 2. MFB Block Diagram
To Routing
PTOE
Sharing
Cascade Out
Multifunction Array
True Dual Port
RAM
(8,192 bit)
Pseudo Dual
Port RAM
(16,384 bit)
Single Port
RAM
(16,384 bit)
FIFO
(16,384 bit)
Ternary CAM
(128*48)
Logic
(68 Input * 164 Product
Term Array, 32 MC)


Similar Part No. - LC5256MV-45F484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC-4F256C LATTICE-LC5256MC-4F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC-5F256C LATTICE-LC5256MC-5F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC-75F256C LATTICE-LC5256MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5256MV-45F484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com