Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5F484C Datasheet(PDF) 85 Page - Lattice Semiconductor

Part # LC5512MC-5F484C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5F484C Datasheet(HTML) 85 Page - Lattice Semiconductor

Back Button LC5512MC-5F484C Datasheet HTML 81Page - Lattice Semiconductor LC5512MC-5F484C Datasheet HTML 82Page - Lattice Semiconductor LC5512MC-5F484C Datasheet HTML 83Page - Lattice Semiconductor LC5512MC-5F484C Datasheet HTML 84Page - Lattice Semiconductor LC5512MC-5F484C Datasheet HTML 85Page - Lattice Semiconductor LC5512MC-5F484C Datasheet HTML 86Page - Lattice Semiconductor LC5512MC-5F484C Datasheet HTML 87Page - Lattice Semiconductor LC5512MC-5F484C Datasheet HTML 88Page - Lattice Semiconductor LC5512MC-5F484C Datasheet HTML 89Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
85
3
126N
W4
V11
U21
W5
B18
E19
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
126P
W6
V10
U20
W7
A18
E18
-
-
GND
-
-
-
GND
GND
3
127N
W8
V9
U18
W9
C17
C24
-
-
VCC
-
-
-
VCC
VCC
3
127P
W10
V8
U16
W11
B17
C23
3
128N
W12
V7
U12
W13
C16
D22
3
128P
W14
V6
U10
W15
B16
D21
3
129N
W16
V5
U8
W17
F13
E21
3
129P
W18
V4
U6
W19
F15
D20
3
130N
W20
V3
U5
W21
D16
D19
3
130P
W22
V2
U4
W23
E16
D18
3
131N
W24
V1
U2
W25
A16
C22
3
131P
W26
V0
U0
W27
A15
C21
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
132N
W28
X15
V15
W29
B15
C20
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
132P
W30
X14
V14
W31
A14
C19
3
133N
X0
X13
V13
X1
D15
C18
3
133P
X2
X12
V12
X3
E15
C17
3
134N
X4
X11
V11
X5
D14
B24
3
134P
X6
X10
V10
X7
F14
B23
3
135N
X8
X9
V9
X9
A13
B22
3
135P
X10
X8
V8
X11
B13
B21
3
136N
X12/VREF3
X29
V29
X13
C14
B20
3
136P
X14
X28
V28
X15
E14
B19
3
137N
X16
X7
V7
X17
E13
B18
3
137P
X18
X6
V6
X19
F12
B17
-
-
GND (Bank 3)
-
-
-
GND (Bank 3) GND (Bank 3)
3
138N
X20
X5
V5
X21
D13
A24
-
-
VCCO3
-
-
-
VCCO3
VCCO3
3
138P
X22
X4
V4
X23
C13
A23
3
139N
X24
X3
V3
X25
E12
A22
-
-
GND
-
-
-
GND
GND
3
139P
X26
X2
V2
X27
C12
A21
-
-
VCC
-
-
-
VCC
VCC
3
140N
X28
X1
V1
X29
B12
A20
3
140P
X30
X0
V0
X31
A12
A19
0
141N
Y30
Y31
AA31
Y31
E11
A18
-
-
VCC
-
-
-
VCC
VCC
0
141P
Y28
Y30
AA30
Y29
C11
A17
-
-
GND
-
-
-
GND
GND
ispXPLD 51024MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS Pair
Primary
Macrocell/Function
Alternate Outputs
Alternate
Input
484 fpBGA
Ball Number
672 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-5F484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5F484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com