Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5632 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN5632
Description  Regulated Step-Down Charge Pump DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5632 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN5632 Datasheet HTML 1Page - Fairchild Semiconductor FAN5632 Datasheet HTML 2Page - Fairchild Semiconductor FAN5632 Datasheet HTML 3Page - Fairchild Semiconductor FAN5632 Datasheet HTML 4Page - Fairchild Semiconductor FAN5632 Datasheet HTML 5Page - Fairchild Semiconductor FAN5632 Datasheet HTML 6Page - Fairchild Semiconductor FAN5632 Datasheet HTML 7Page - Fairchild Semiconductor FAN5632 Datasheet HTML 8Page - Fairchild Semiconductor FAN5632 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5631/FAN5632 Rev. 1.0.2
2
Typical Application
NC
VSEL
EN
IOUT_max= 250mA
VOUT = 1.2V to 1.5V
VIN = 2.7V to 5.5V
COUT
10µF
CIN
10µF
NC
NC
CB+
CB-
GND
10
9
6
7
8
1
2
3
4
5
ON
OFF
NC
Figure 1. Typical Application
Average Efficiency (over VIN=2.7V to 5V) = 66%, with optimization = 77%
Average Efficiency (over VIN=2.7V to 4.2V) = 67%, with optimization = 84%
FAN5631
FAN5632 with
optimization
Figure 2. Typical Efficiency Graph


Similar Part No. - FAN5632

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5632 FAIRCHILD-FAN5632 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5632MPX FAIRCHILD-FAN5632MPX Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5632

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com