Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5632MPX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5632MPX
Description  Regulated Step-Down Charge Pump DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5632MPX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5632MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 11Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 12Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5631/FAN5632 Rev. 1.0.2
10
Applications Information
The FAN5631/FAN5632 requires one ceramic bucket
capacitor in the 0.1µF to 1µF range, one 10µF output
bypass capacitor, and one 10µF input bypass capacitor.
To
obtain
optimum
output
ripple
and
noise
performance, low-ESR (<0.05
Ω) ceramic input and
output bypass capacitors are recommended. X5R- and
X7R-rated capacitors provide adequate performance
over the -40°C to 85°C temperature range.
The bucket capacitor’s value is dependent on load
current requirements. A 1µF bucket capacitor works
well in all applications at all load currents, while a 0.1µF
capacitor supports most applications under 100mA of
load current. The choice of bucket capacitor values
should be verified in the actual application at the lowest
input voltage and highest load current. A 30% margin of
safety is recommended to account for the tolerance of
the bucket capacitor and the variations in the on-
resistance of the internal switches.
One of the key benefits of the ScalarPump architecture
is that the dynamically scaled on resistance of the
switches effectively reduces the peak current in the
bucket capacitor and therefore input and output ripple
currents are also reduced. Nevertheless, due to the
ESR of the input and output bypass capacitors, these
current spikes generate voltage spikes at the input and
output pins. These ESR spikes can be filtered because
their frequencies lie at up to 12 times the clock
frequencies. In applications where conductive and
radiated EMI/RFI interference must be low as possible,
consider additional input and output filtering.
Layout Considerations
While
evaluating
any
switched
capacitor
DC-DC
converter, be careful to keep the power supply source
impedance low; use of long wires causing high lead
inductances and resistive losses should be avoided. A
carefully laid-out ground plane is essential because
current spikes are generated as the bucket capacitor is
charged and discharged. The input and output bypass
capacitors should be placed as close to the device pins
as possible.


Similar Part No. - FAN5632MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5632MPX FAIRCHILD-FAN5632MPX Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5632MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com