Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MV-45FN484C Datasheet(PDF) 28 Page - Lattice Semiconductor

Part # LC5512MV-45FN484C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MV-45FN484C Datasheet(HTML) 28 Page - Lattice Semiconductor

Back Button LC5512MV-45FN484C Datasheet HTML 24Page - Lattice Semiconductor LC5512MV-45FN484C Datasheet HTML 25Page - Lattice Semiconductor LC5512MV-45FN484C Datasheet HTML 26Page - Lattice Semiconductor LC5512MV-45FN484C Datasheet HTML 27Page - Lattice Semiconductor LC5512MV-45FN484C Datasheet HTML 28Page - Lattice Semiconductor LC5512MV-45FN484C Datasheet HTML 29Page - Lattice Semiconductor LC5512MV-45FN484C Datasheet HTML 30Page - Lattice Semiconductor LC5512MV-45FN484C Datasheet HTML 31Page - Lattice Semiconductor LC5512MV-45FN484C Datasheet HTML 32Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
28
sysIO Differential DC Electrical Characteristics
Over Recommended Operating Conditions
Figure 19. LVPECL Driver with Three Resistor Pack
Parameter
Description
Test Conditions
Min.
Typ.
Max.
LVDS
VINP
Input Voltage
0V
2.4V
VTHD
Differential Input Threshold
0.2 ≤ VCM ≤ 1.8V
+/-100mV
IIN
Input Current
Power On
+/-10uA
VOH
Output High Voltage for VOP or VOM
RT = 100 Ohm
1.38V
1.60V
VOL
Output Low Voltage for VOP or VOM
RT = 100 Ohm
0.9V
1.03V
VOD
Output Voltage Differential
(VOP - VOM), RT = 100 Ohm
250mV
350mV
450mV
ΔVOD
Change in VOD Between High and Low
50mV
VOS
Output Voltage Offset
(VOP - VOM)/2, RT = 100 Ohm
1.125V
1.20V
1.375V
ΔVOS
Change in VOS Between H and L
50mV
IOSD
Output Short Circuit Current
VOD = 0V Driver outputs
shorted
24mA
LVPECL
1
DC
Parameter
Parameter Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
VCCO
3.0
3.3
3.6
V
VIH
Input Voltage High
1.49
2.72
1.49
2.72
1.49
2.72
V
VIL
Input Voltage Low
0.86
2.125
0.86
2.125
0.86
2.125
V
VOH
Output Voltage High
1.7
2.11
1.92
2.28
2.03
2.41
V
VOL
Output Voltage Low
0.96
1.27
1.06
1.43
1.3
1.57
V
VDIFF
2
Differential Input voltage
0.3
0.3
0.3
V
1. These values are valid at the output of the source termination pack as shown above with 100-ohm differential load only (see Figure 19).
The VOH levels are 200mV below the standard LVPECL levels and are compatible with devices tolerant of the lower common mode ranges.
2. Valid for 0.2 ≤ VCM ≤ 1.8V
Zo
Zo
Rs
A
Rs
to LVPECL
differential
receiver
1/4 of Bourns P/N
CAT 16-PC4F12
ispXPLD Emulated
LVPECL Buffer


Similar Part No. - LC5512MV-45FN484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MV-45FN484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com