Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP12N50F Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDP12N50F
Description  N-Channel MOSFET 500V, 11.5A, 0.7廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP12N50F Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDP12N50F Datasheet HTML 1Page - Fairchild Semiconductor FDP12N50F Datasheet HTML 2Page - Fairchild Semiconductor FDP12N50F Datasheet HTML 3Page - Fairchild Semiconductor FDP12N50F Datasheet HTML 4Page - Fairchild Semiconductor FDP12N50F Datasheet HTML 5Page - Fairchild Semiconductor FDP12N50F Datasheet HTML 6Page - Fairchild Semiconductor FDP12N50F Datasheet HTML 7Page - Fairchild Semiconductor FDP12N50F Datasheet HTML 8Page - Fairchild Semiconductor FDP12N50F Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FDP12N50F / FDPF12N50FT Rev. A1
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.1
1
10
0.1
1
10
0.05
20
*Notes:
1. 250µs Pulse Test
2. TC = 25
o
C
VGS = 10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
VDS,Drain-Source Voltage[V]
30
45
67
8
1
10
150
o
C
* Notes :
1. VDS = 20V
2. 250µs Pulse Test
25
o
C
VGS,Gate-Source Voltage[V]
30
0.0
0.5
1.0
1.5
2.0
1
10
100
Notes:
1. V
GS = 0V
2. 250µs Pulse Test
150
o
C
V
SD, Body Diode Forward Voltage [V]
25
o
C
06
12
18
0.5
0.6
0.7
0.8
0.9
* Note : TJ = 25
o
C
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.1
1
10
0
500
1000
1500
2000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
* Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
30
0
4
8
12
16
20
24
0
2
4
6
8
10
* Note : ID = 11.5A
VDS = 100V
VDS = 250V
VDS = 400V
Qg, Total Gate Charge [nC]


Similar Part No. - FDP12N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
logo
Inchange Semiconductor ...
FDP12N50 ISC-FDP12N50 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP12N50NZ FAIRCHILD-FDP12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFET II MOSFET?
FDP12N50NZ FAIRCHILD-FDP12N50NZ Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDP12N50NZ ISC-FDP12N50NZ Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP12N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB12N50F FAIRCHILD-FDB12N50F_12 Datasheet
377Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
FDB12N50F FAIRCHILD-FDB12N50F Datasheet
597Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
FDP12N50 FAIRCHILD-FDP12N50_12 Datasheet
538Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDB12N50TM FAIRCHILD-FDB12N50TM Datasheet
366Kb / 9P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
logo
MagnaChip Semiconductor...
MDP12N50F MGCHIP-MDP12N50F Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.75ohm
MDP12N50B MGCHIP-MDP12N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
logo
Alpha & Omega Semicondu...
AOD468 AOSMD-AOD468 Datasheet
312Kb / 6P
   300V,11.5A N-Channel MOSFET
logo
Fairchild Semiconductor
FDD5N50NZF FAIRCHILD-FDD5N50NZF Datasheet
304Kb / 8P
   N-Channel MOSFET 500V, 3.7A, 1.75廓
FDA28N50F FAIRCHILD-FDA28N50F_12 Datasheet
399Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com