Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-52FN484C Datasheet(PDF) 77 Page - Lattice Semiconductor

Part # LC5512MC-52FN484C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-52FN484C Datasheet(HTML) 77 Page - Lattice Semiconductor

Back Button LC5512MC-52FN484C Datasheet HTML 73Page - Lattice Semiconductor LC5512MC-52FN484C Datasheet HTML 74Page - Lattice Semiconductor LC5512MC-52FN484C Datasheet HTML 75Page - Lattice Semiconductor LC5512MC-52FN484C Datasheet HTML 76Page - Lattice Semiconductor LC5512MC-52FN484C Datasheet HTML 77Page - Lattice Semiconductor LC5512MC-52FN484C Datasheet HTML 78Page - Lattice Semiconductor LC5512MC-52FN484C Datasheet HTML 79Page - Lattice Semiconductor LC5512MC-52FN484C Datasheet HTML 80Page - Lattice Semiconductor LC5512MC-52FN484C Datasheet HTML 81Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
77
-
-
TCK
-
-
-
T1
P3
-
-
TDO
-
-
-
V1
P2
1
0P
A30
A0
C0
A31
P1
1
0N
A28
A1
C1
A29
R1
1
1P
A26
A2
C2
A27
P6
1
1N
A24
A3
C3
A25
R6
1
2P
A22
A4
C4
A23
P7
1
2N
A20
A5
C5
A21
R7
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
1
3P
A18
A6
C6
A19
R4
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
3N
A16
A7
C7
A17
R5
-
-
GND
-
-
-
GND
GND
1
4P
A14
A8
C8
A15
R3
-
-
VCC
-
-
-
VCC
VCC
1
4N
A12
A9
C9
A13
R2
1
5P
A10
A10
C10
A11
T2
1
5N
A8
A11
C11
A9
T3
1
6P
A6
A12
C12
A7
T4
1
6N
A4
A13
C13
A5
T5
1
7P
A2
A14
C14
A3
U2
1
7N
A0
A15
C15
A1
U3
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
1
8P
C30
A16
C16
C31
U4
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
8N
C28
A17
C17
C29
U5
1
9P
C26
A18
C18
C27
T6
1
9N
C24
A19
C19
C25
U6
1
10P
C22
A20
C20
C23
T7
1
10N
C20
A21
C21
C21
U7
1
11P
C18
A22
C22
C19
U1
1
11N
C16
A23
C23
C17
V1
1
12P
C14
A24
C24
C15
V2
1
12N
C12
A25
C25
C13
V3
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
1
13P
C10
A26
C26
C11
V5
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
13N
C8
A27
C27
C9
V4
-
-
GND
-
-
-
GND
GND
1
14P
C6
A28
C28
C7
W2
-
-
VCC
-
-
-
VCC
VCC
1
14N
C4
A29
C29
C5
W3
1
15P
C2
A30
C30
C3
W4
ispXPLD 51024MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS Pair
Primary
Macrocell/Function
Alternate Outputs
Alternate
Input
484 fpBGA
Ball Number
672 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-52FN484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-52FN484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com