Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-75FN484C Datasheet(PDF) 66 Page - Lattice Semiconductor

Part # LC5512MC-75FN484C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-75FN484C Datasheet(HTML) 66 Page - Lattice Semiconductor

Back Button LC5512MC-75FN484C Datasheet HTML 62Page - Lattice Semiconductor LC5512MC-75FN484C Datasheet HTML 63Page - Lattice Semiconductor LC5512MC-75FN484C Datasheet HTML 64Page - Lattice Semiconductor LC5512MC-75FN484C Datasheet HTML 65Page - Lattice Semiconductor LC5512MC-75FN484C Datasheet HTML 66Page - Lattice Semiconductor LC5512MC-75FN484C Datasheet HTML 67Page - Lattice Semiconductor LC5512MC-75FN484C Datasheet HTML 68Page - Lattice Semiconductor LC5512MC-75FN484C Datasheet HTML 69Page - Lattice Semiconductor LC5512MC-75FN484C Datasheet HTML 70Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
66
-
-
TCK
-
-
-
J6
T1
-
-
TDO
-
-
-
K2
V1
1
0P
A30/DATA0
C0
A0
A31
K3
W1
1
0N
A28/DATA1
C1
A1
A29
J3
Y1
1
1P
A26/DATA2
C2
A2
A27
J5
P3
1
1N
A24/DATA3
C3
A3
A25
J4
R3
1
2P
A22/DATA4
C4
A4
A23
L2
T2
1
2N
A20/DATA5
C5
A5
A21
M1
U2
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
1
3P
A18/DATA6
C6
A6
A19
K4
V2
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
3N
A16/DATA7
C7
A7
A17
L3
W2
-
-
GND
-
-
-
GND
GND
1
4P
A14/INITB
C8
A8
A15
K5
R4
1
4N
A12/CSB
C9
A9
A13
L5
T4
1
5P
A10/READ
C10
A10
A11
N1
R6
1
5N
A8/CCLK
C11
A11
A9
M2
R5
16P
A6
-
-
A7
U3
-
-
VCC
-
-
-
VCC
VCC
1
6N
A4
-
-
A5P1V3
1
7P
A2
-
-
A3M3Y2
17N
A0
-
-
A1
L4
W3
1
8P
B30
D0
-
B31
N2
U5
1
8N
B28
D2
-
B29
P2
T5
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
1
9P
B26
D4
-
B27
R1
U4
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
9N
B24
D6
-
B25
R2
V4
1
10P
B22
D8
-
B23
T2
AA3
1
10N
B20
D10
-
B21
T3
AB3
1
-
B18
D12
-
B19
Y4
-
-
DONE
-
-
-
M4
AA4
1
11P
B14
-
-
B15
AB2
1
11N
B12
-
-
B13
U6
-
-
GND (Bank 1)
-
-
-
GND (Bank 1) GND (Bank 1)
1
12P
B10
-
-
B11
V5
-
-
VCCO1
-
-
-
VCCO1
VCCO1
1
12N
B8
-
-
B9
W6
1
13P
B6
C12
A12
B7
N3
AB4
1
13N
B4
C13
A13
B5
P4
AB5
1
14P
B2
C14
A14
B3
N5
T6
1
14N
B0
C15
A15
B1
M6
U7
-
-
PROGRAMB
-
-
-
R3
W5
ispXPLD 5768MX Logic Signal Connections (Continued)
sysIO Bank LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Inputs
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-75FN484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-75FN484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com