Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8984 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS8984
Description  N-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8984 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS8984 Datasheet HTML 1Page - Fairchild Semiconductor FDS8984 Datasheet HTML 2Page - Fairchild Semiconductor FDS8984 Datasheet HTML 3Page - Fairchild Semiconductor FDS8984 Datasheet HTML 4Page - Fairchild Semiconductor FDS8984 Datasheet HTML 5Page - Fairchild Semiconductor FDS8984 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDS8984 Rev. A1
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Off Characteristics
On Characteristics (Note 3)
Dynamic Characteristics
Switching Characteristics (Note 3)
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250µA, referenced to
25°C
23
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24V
VGS = 0V
1
µA
TJ = 125°C
250
IGSS
Gate to Source Leakage Current
VGS = ±20V,VDS = 0V
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = 250µA
1.2
1.7
2.5
V
∆VGS(th)
∆TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250µA, referenced to
25°C
- 4.3
mV/°C
rDS(on)
Drain to Source On Resistance
VGS = 10V, ID = 7A
19
23
m
VGS = 4.5V, ID = 6A
24
30
VGS = 10V, ID = 7A,
TJ = 125°C
26
32
Ciss
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1.0MHz
475
635
pF
Coss
Output Capacitance
100
135
pF
Crss
Reverse Transfer Capacitance
65
100
pF
RG
Gate Resistance
f = 1MHz
0.9
1.6
td(on)
Turn-On Delay Time
VDD = 15V, ID = 7A
VGS = 10V, RGS = 33Ω
510
ns
tr
Rise Time
918
ns
td(off)
Turn-Off Delay Time
42
68
ns
tf
Fall Time
21
34
ns
Qg
Total Gate Charge
VDS = 15V, VGS = 10V,
ID = 7A
9.2
13
nC
Qg
Total Gate Charge
VDS = 15V, VGS = 5V,
ID = 7A
5.0
7
nC
Qgs
Gate to Source Gate Charge
1.5
nC
Qgd
Gate to Drain “Miller” Charge
2.0
nC
VSD
Source to Drain Diode Voltage
ISD = 7A
0.9
1.25
V
ISD = 2.1A
0.8
1.0
V
trr
Diode Reverse Recovery Time
IF = 7A, di/dt = 100A/µs
33
ns
Qrr
Diode Reverse Recovery Charge
20
nC
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user’s board design.
Scale 1 : 1 on letter size paper
2: Starting TJ = 25°C, L = 1mH, IAS = 8A, VDD = 27V, VGS = 10V.
3: Pulse Test:Pulse Width <300
µs, Duty Cycle <2%.
c) 135°C/W when
mounted on a
minimun pad
b) 125°C/W when
mounted on a 0.02 in2
pad of oz copper
a) 78°C/W when
mounted on a 0.5in2
pad of 2 oz copper


Similar Part No. - FDS8984

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8984 FAIRCHILD-FDS8984 Datasheet
367Kb / 6P
   N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm
FDS8984 FAIRCHILD-FDS8984 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDS8984 UMW-FDS8984 Datasheet
640Kb / 7P
   30V Dual N-Channel MOSFET
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
More results

Similar Description - FDS8984

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com