Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5Q484C Datasheet(PDF) 27 Page - Lattice Semiconductor

Part # LC5512MC-5Q484C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5Q484C Datasheet(HTML) 27 Page - Lattice Semiconductor

Back Button LC5512MC-5Q484C Datasheet HTML 23Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 24Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 25Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 26Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 27Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 28Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 29Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 30Page - Lattice Semiconductor LC5512MC-5Q484C Datasheet HTML 31Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
27
sysIO Single Ended DC Electrical Characteristics
Over Recommended Operating Conditions
Input/Output
Standard
VIL
VIH
VOL
Max (V)
VOH
Min (V)
IOL
2
(mA)
IOH
2
(mA)
Min (V)
Max (V)
Min (V)
Max (V)
LVCMOS 3.3
-0.3
0.8
2.0
5.5
0.4
2.4
20, 16, 12,
8, 5.33, 4
-20, -16, -12,
-8, -5.33, -4
0.2
VCCO - 0.2
0.1
-0.1
LVTTL
-0.3
0.8
2.0
5.5
0.4
2.4
4
-4
0.2
VCCO - 0.2
0.1
-0.1
LVCMOS 2.5
-0.3
0.7
1.7
3.6
0.4
VCCO - 0.4
16, 12, 8,
5.33, 4
-16, -12, -8,
-5.33, -4
0.2
VCCO - 0.2
0.1
-0.1
LVCMOS 1.8
1, 3
-0.3
0.68
1.07
3.6
0.4
VCCO - 0.4
8
-8
LVCMOS 1.8
3
-0.3
0.68
1.07
3.6
0.4
VCCO -0.4
12, 5.33, 4 -12, -5.33, -4
0.2
VCCO - 0.2
0.1
-0.1
PCI 3.3
4
-0.3
1.08
1.5
3.6
0.1 VCCO
0.9 VCCO
1.5
-0.5
AGP-1X
4
-0.3
1.08
1.5
3.6
0.1 VCCO
0.9 VCCO
1.5
-0.5
SSTL3 class I
-0.3
VREF - 0.2
VREF + 0.2
3.6
0.7
VCCO - 1.1
8
-8
SSTL3 class II
-0.3
VREF - 0.2
VREF + 0.2
3.6
0.5
VCCO - 0.9
16
-16
SSTL2 class I
-0.3
VREF - 0.18 VREF + 0.18
3.6
0.54
VCCO - 0.62
7.6
-7.6
SSTL2 class II
-0.3
VREF - 0.18 VREF + 0.18
3.6
0.35
VCCO - 0.43
15.2
-15.2
CTT 3.3
-0.3
VREF - 0.2
VREF + 0.2
3.6
VREF - 0.4
VREF + 0.4
8
-8
CTT 2.5
-0.3
VREF - 0.3
VREF + 0.2
3.6
VREF - 0.4
VREF + 0.4
8
-8
HSTL class I
-0.3
VREF - 0.1
VREF + 0.1
3.6
0.4
VCCO - 0.4
8
-8
HSTL class III
-0.3
VREF - 0.2
VREF + 0.1
3.6
0.4
VCCO - 0.4
24
-8
HSTL class IV
-0.3
VREF - 0.3
VREF + 0.1
3.6
0.4
VCCO - 0.4
48
-8
GTL+
-0.3
VREF - 0.2
VREF + 0.2
3.6
0.6
n/a
36
n/a
1. Software default setting.
2. The average DC current drawn by I/Os between adjacent bank GND connections, or between the last GND in an I/O bank and the end of
the I/O bank, as shown in the logic signals connection table, shall not exceed n*8mA. Where n is the number of I/Os between bank GND
connections or between the last GND in a bank and the end of a bank.
3. For 1.8V devices (ispXPLD 5000MC) these specifications are VIL = 0.35 * VCC and VIH = 0.65 * VCC.
4. For 1.8V devices (ispXPLD 5000MC) these specifications are VIL = 0.3 * VCC * 3.3/1.8, VIH = 0.5 * VCC * 3.3/1.8.


Similar Part No. - LC5512MC-5Q484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5Q484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com